Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17843ACBV Datasheet(PDF) 32 Page - Maxim Integrated Products

Part # MAX17843ACBV
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843ACBV Datasheet(HTML) 32 Page - Maxim Integrated Products

Back Button MAX17843ACBV Datasheet HTML 28Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 29Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 30Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 31Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 32Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 33Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 34Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 35Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 36Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 131 page
background image
Acquisition Mode
The host enters the acquisition mode by writing a logic-one
to the SCAN bit in the SCANCTRL register. This write is
actually an automatic strobe of the bit since SCAN always
reads logic-zero. In daisy-chained devices, acquisitions
in upstack devices are delayed by the propagation delay
(tPROP) of the command packet through each device.
The acquisition is complete when the device sets the
SCANDONE bit. The basic acquisition process is outlined
below with a detailed flowchart in Figure 8:
1) Disable HV charge pump.
2) VBLKP conversion, if enabled.
3) All enabled cell conversions (first):
a. Ascending order (1:12) if pyramid mode, or
b. Descending order (12:1) if top-down mode.
4) All enabled cell conversions (second):
a. Descending order (12:1).
5) VBLKP conversion (second), if enabled.
6) Diagnostic conversion (first), if enabled.
7) Diagnostic conversion (second), if enabled.
8) Enable HV charge pump for recovery period unless:
a. OVSAMP[2:0] = 0 (no oversampling), or
b. All oversample measurements are complete.
9) Repeat steps 1–8 until all oversamples are done.
10) All enabled auxiliary conversions, in ascending order
(AUXIN1, AUXIN2).
11) Set SCANDONE bit.
Oversampling
Oversampling mode performs multiple measurement
cycles in a single acquisition, and averages the samples
in the ALU to reduce the measurement noise and effec-
tively increase the resolution of each measurement result.
In oversampling mode, acquisition times are proportional
to the number of oversamples, as shown in Table 8. The
number of oversamples can be configured from 4 to 128
by OVSAMPL[2:0], as shown in Table 7. The AUXIN mea-
surements are never oversampled, even in oversampling
mode.
To add n bits of measurement resolution requires at least
22n oversamples. Since the ADC resolution is 12 bits,
13-bit resolution requires at least 4 oversamples and to
achieve the maximum 14-bit resolution requires at least
16 oversamples; therefore, with no oversampling, only
the higher 12 bits of the measurement are statistically
significant and with 4 or 8 oversamples, only the higher
13 bits are statistically significant. Taking more than 16
oversamples further reduces the measurement variation.
Of course with no oversampling, measurements can be
averaged externally to achieve increased resolution, but
at a higher computational cost for the host.
Table 7. Oversampling
OVSAMPL[2:0]
OVERSAMPLES
THEORETICAL RESOLUTION
ACQUISITION WATCHDOG TIMEOUT
000b (default)
0
12 bits
1.10ms
001b
4
13 bits
2.08ms
010b
8
13 bits
3.36ms
011b
16
14 bits
5.92ms
100b
32
14 bits
10.99ms
101b
64
14 bits
21.18ms
110b
128
14 bits
41.56ms
111b
128
14 bits
41.56ms
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com