Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17843ACBV Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX17843ACBV
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843ACBV Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX17843ACBV Datasheet HTML 16Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 17Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 18Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 19Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 20Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 21Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 22Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 23Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 131 page
background image
(VDCIN = +48V, TA = TMIN to TMAX, unless otherwise noted, where TMIN = -40°C and TMAX =+125°C. Typical values are at TA = +25°C.
Operation is with the recommended application circuit.) (Note 5)
Note 5: Unless otherwise noted, limits are 100% production tested at TA = +25°C. Limits over the operating temperature range and
relevant supply voltage range are guaranteed by design and characterization.
Note 6: Acquisition mode (ADC conversions) is entered when the SCAN bit is set and ends when SCANDONE is set. With the
typical acquisition duty-cycle very low, the average current (IDCIN) is much less than IDCMEAS. Total supply current during
communication: IDCIN = IDCCOMM + IDCSTBY.
Note 7: Range over which measurement settling time and accuracy is guaranteed.
Note 8: VCELLn = VCn - VCn-1, VCELLn = VCELLn-1, and VDCIN = 12 x │VCELLn │ (9V min).
Note 9: Guaranteed by design and not production tested.
Note 10: As measured during specified diagnostic mode; 5V full-scale for unipolar mode measurements and 2.5V full-scale for bipolar
measurements.
Note 11: ISHDNL measured with VSHDNL = 0.3V, STOP characters, zero idle time, VRX_PEAK = 3.3V.
Note 12: Charge pump efficiency = δILOAD/δISUPPLY, where ILOAD is applied from HV to AGND, δILOAD = 5mA, and δISUPPLY = IDCIN
(for ILOAD = 5mA) - IDCIN (for ILOAD = 0).
Note 13: Differential signal (VRXP - VRXN) where VRXP and VRXN do not exceed a common-mode voltage range of ±25V.
Note 14: In daisy-chain applications, the bit time of the second STOP bit may be less than specified to account for clock-rate variation
and sampling error between devices.
Note 15: Maximum limited by application circuit.
Note 16: Fall time measured 90% to 10%; rise time measured 10% to 90%.
Note 17: VDDL = VDDL2 for lower port; VDDL = VDDL3 for upper port.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RX Minimum Idle Time
(STOP bit to START bit)
(Notes 9, 15)
tRXIDLESPST
1
tBIT
RX Fall Time (Notes 9, 16)
tFALL
0.5
tBIT
RX Rise Time (Notes 9, 16)
tRISE
0.5
tBIT
Propagation Delay (RX Port
to TX port) (Note 9)
tPROP
2.5
3
tBIT
Startup Time from SHNDL
High and VAA = 0V to
RXUP/RXUN Valid
tSTARTUP
1
ms
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 20
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com