Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6604ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF6604ACPZ-R7
Description  1200 MHz to 3600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6604ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADRF6604ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADRF6604ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADRF6604ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADRF6604ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADRF6604ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADRF6604ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADRF6604ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6604ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6604ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
ADRF6604
Data Sheet
Rev. B | Page 4 of 32
SYNTHESIZER/PLL SPECIFICATIONS
VS = 5 V, ambient temperature (TA) = 25°C, fREF = 153.6 MHz, fREF power = 4 dBm, fPFD = 38.4 MHz, high-side LO injection,
fIF = 140 MHz, IIP3 optimized using CDAC = 0xC and IP3SET = 3.3 V, unless otherwise noted.
Table 3.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SYNTHESIZER SPECIFICATIONS
Synthesizer specifications referenced to 1× LO
Frequency Range
Internally generated LO
2500
2900
MHz
Figure of Merit1
PREF_IN = 0 dBm
−221.4
dBc/Hz/Hz
Reference Spurs
fPFD = 38.4 MHz
fPFD/4
−107
dBc
fPFD
−82
dBc
>fPFD
−80
dBc
PHASE NOISE
fLO = 2500 MHz to 2900 MHz, fPFD = 38.4 MHz
1 kHz to 10 kHz offset
−87.7
dBc/Hz
100 kHz offset
−96
dBc/Hz
500 kHz offset
−117
dBc/Hz
1 MHz offset
−126
dBc/Hz
5 MHz offset
−142
dBc/Hz
10 MHz offset
−148
dBc/Hz
20 MHz offset
−150
dBc/Hz
Integrated Phase Noise
1 kHz to 40 MHz integration bandwidth
0.69
°rms
PFD Frequency
20
40
MHz
REFERENCE CHARACTERISTICS
REF_IN, MUXOUT pins
REF_IN Input Frequency
12
160
MHz
REF_IN Input Capacitance
4
pF
MUXOUT Output Level
VOL (lock detect output selected)
0.25
V
VOH (lock detect output selected)
2.7
V
MUXOUT Duty Cycle
50
%
CHARGE PUMP
Pump Current
Programmable to 250 µA, 500 µA, 750 µA, 1 mA
500
µA
Output Compliance Range
1
2.8
V
1
The figure of merit (FOM) is computed as phase noise (dBc/Hz) – 10 log 10(fPFD) – 20 log 10(fLO/fPFD). The FOM was measured across the full LO range, with fREF = 80 MHz,
and fREF power = 10 dBm (500 V/µs slew rate) with a 40 MHz fPFD. The FOM was computed at 50 kHz offset.
LOGIC INPUT AND POWER SPECIFICATIONS
VS = 5 V, ambient temperature (TA) = 25°C, fREF = 153.6 MHz, fPFD = 38.4 MHz, high-side LO injection, fIF = 140 MHz, IIP3 optimized
using CDAC = 0xC and IP3SET = 3.3 V, unless otherwise noted.
Table 4.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
LOGIC INPUTS
CLK, DATA, LE
Input High Voltage, VINH
1.4
3.3
V
Input Low Voltage, VINL
0
0.7
V
Input Current, IINH/IINL
0.1
µA
Input Capacitance, CIN
5
pF
POWER SUPPLIES
VCC1, VCC2, VCC_LO, VCC_MIX, and VCC_V2I pins
Voltage Range
4.75
5
5.25
V
Supply Current
PLL only
96
mA
External LO mode (internal PLL disabled, IP3SET pin = 3.3 V, LO output buffer off)
164
mA
Internal LO mode (internal PLL enabled, IP3SET pin = 3.3 V, LO output buffer on)
274
mA
Internal LO mode (internal PLL enabled, IP3SET pin = 3.3 V, LO output buffer off)
260
mA
Power-down mode
30
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com