Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6604ACPZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADRF6604ACPZ-R7
Description  1200 MHz to 3600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6604ACPZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADRF6604ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6604ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6604ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6604ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6604ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6604ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6604ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6604ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6604ACPZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Data Sheet
ADRF6604
Rev. B | Page 23 of 32
AC TEST FIXTURE
Characterization data for the ADRF6604 was taken under very
strict test conditions. All possible techniques were used to
achieve optimum accuracy and to remove degrading effects of
the signal generation and measurement equipment. Figure 47
shows the typical AC test setup used in the characterization of
the ADRF6604.
ROHDE & SCHWARZ
FSEA30
IF_OUT
AGILENT 34401A SET TO IDC
(SET FOR SUPPLY CURRENT)
RF1 AGILENT N5181A
RF2 AGILENT N5181A
REF_IN AGILENT N5181A
HP 11636A
POWER DIVIDER
AGILENT 34980A WITH THREE 34921 MODULES
AND ONE 34950 MODULE
ADRF6604 CHARACTERIZATION RACK DIAGRAM.
ALL INSTRUMENTS ARE CONTROLLED BY A LAB
COMPUTER VIA A USB TO GPIB CONTROLLER, DAISY
CHAINED TO EACH INDIVIDUAL INSTRUMENT.
REF_IN
RFIN
5V dc VIA
10-PIN DC HEADER
5V dc MEASURED FOR SUPPLY CURRENT
AGILENT E3631A 25V SET TO
3.3V, 6V SET TO 5V.
RETURNS ARE
JUMPERED TOGETHER
ADRF6604
EVALUATION BOARD
GND VIA
10-PIN DC HEADER
3.3V dc VIA
10-PIN DC HEADER
Figure 47. ADRF6604 AC Test Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com