Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6604ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADRF6604ACPZ-R7
Description  1200 MHz to 3600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6604ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADRF6604ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6604ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF6604ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6604ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6604ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6604ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6604ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6604ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6604ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
ADRF6604
Data Sheet
Rev. B | Page 12 of 32
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
–50
–55
–60
2160
2260
2360
2460
2560
2660
2760
2860
2960
RF FREQUENCY (MHz)
IP3SET = OPEN
IP3SET = 3.3V
TA = +85°C
TA = +25°C
TA = –40°C
Figure 20. RF-to-IF Isolation vs. RF Frequency, High-Side LO, IF = 140 MHz,
LO Output Turned Off
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
–10
–11
–12
–13
–14
–15
2500
2550
2600
2650
2700
2750
2800
2850
2900
LO FREQUENCY (MHz)
IP3SET = OPEN
IP3SET = 3.3V
TA = +85°C
TA = +25°C
TA = –40°C
Figure 21. LO Output Amplitude vs. LO Frequency
25
20
15
10
5
0
–5
–10
–15
–20
–25
0
50
100
150
200
250
TIME (µs)
Figure 22. Frequency Deviation from 2500 MHz vs. Time
(Demonstrates LO Frequency Settling Time from 2490 MHz to 2500 MHz)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
2500
2550
2600
2650
2700
2750
2800
2850
2900
LO FREQUENCY (MHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 23. VTUNE vs. LO Frequency
350
300
250
200
150
100
2500
2550
2600
2650
2700
2750
2800
2850
2900
LO FREQUENCY (MHz)
IP3SET = OPEN
IP3SET = 3.3V
TA = +85°C
TA = +25°C
TA = –40°C
Figure 24. Supply Current vs. LO Frequency
2.5
2.4
2.3
2.2
2.1
2.0
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
–55
–35
–15
5
25
45
65
85
105
TEMPERATURE (°C)
IP3SET = OPEN
IP3SET = 3.3V
Figure 25. VPTAT Voltage vs. Temperature (IP3SET = Optimized, Open)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com