Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6604ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADRF6604ACPZ-R7
Description  1200 MHz to 3600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6604ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADRF6604ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6604ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6604ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6604ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6604ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6604ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6604ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6604ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6604ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
Data Sheet
ADRF6604
Rev. B | Page 15 of 32
SPURIOUS PERFORMANCE
(N × fRF) − (M × fLO) spur measurements were made using the standard evaluation board (see the Evaluation Board section). Mixer spurious
products were measured in decibels relative to the carrier (dBc) from the IF output power level. All spurious components greater than
−125 dBc are shown.
LO = 2500 MHz, RF = 2360 MHz (horizontal axis is M, vertical axis is N), and RFIN power = 0 dBm.
M
N
0
1
2
3
4
0
-115.19
−43.0184
−33.3455
1
−23.6708
0.0
−67.1671
−47.1921
2
−63.4281
−65.1191
−61.1065
−79.8957
−80.0324
3
−83.6746
−86.8944
−58.5001
−105.514
4
−108.708
−104.041
−108.518
5
−110.825
−113.19
6
−108.548
7
LO = 2700 MHz, RF = 2560 MHz (horizontal axis is M, vertical axis is N), and RFIN power = 0 dBm.
M
N
0
1
2
3
4
0
−114.804
−42.7987
−31.9174
1
−22.6289
0.0
−65.0063
−48.5279
2
−61.2522
−66.5602
−57.5224
−77.0905
−76.8305
3
−84.4436
−82.5056
−56.9437
−98.8811
4
−108.087
−98.5103
−99.2295
5
−110.572
−113.601
6
−109.829
7
LO = 2900 MHz, RF = 2760 MHz (horizontal axis is M, vertical axis is N), and RFIN power = 0 dBm.
M
N
0
1
2
3
4
0
−114.956
−44.0336
−31.2423
1
−22.092
0.0
−62.6978
−48.9358
2
−60.2824
−69.8043
−56.7826
−73.218
3
−85.957
−80.7407
−56.7503
−105.061
4
−108.949
−100.938
−100.159
5
−110.193
−111.146
6
−111.428
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com