Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6604ACPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADRF6604ACPZ-R7
Description  1200 MHz to 3600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6604ACPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADRF6604ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6604ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6604ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6604ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6604ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6604ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6604ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6604ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6604ACPZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
ADRF6604
Data Sheet
Rev. B | Page 22 of 32
APPLICATIONS INFORMATION
BASIC CONNECTIONS FOR OPERATION
Figure 46 shows the basic connections for the ADRF6604 evalu-
ation board. The six power supply pins should be individually
decoupled using 100 pF and 0.1 µF capacitors located as close as
possible to the device. In addition, the internal decoupling nodes
(DECL3P3, DECL2P5, and DECLVCO) should be decoupled
with the capacitor values shown in Figure 46.
The RF input is internally ac-coupled and needs no external
bias. The IF outputs are open collector, and a bias inductor is
required from these outputs to VCC.
A peak-to-peak differential swing on RFIN of 1 V (0.353 V rms
for a sine wave input) results in an IF output power of 4.7 dBm.
The reference frequency for the PLL should be from 12 MHz to
160 MHz and should be applied to the REF_IN pin, which should
be ac-coupled and terminated with a 50 Ω resistor as shown in
Figure 46. The reference signal, or a divided-down version of
the reference signal, can be brought back off chip at the multiplexer
output pin (MUXOUT). A lock detect signal and a voltage
proportional to the ambient temperature can also be selected
on the multiplexer output pin.
The loop filter is connected between the CP and VTUNE pins.
When connected in this way, the internal VCO is operational.
For information about the loop filter components, see the
Evaluation Board Configuration Options section.
Operation with an external VCO is also possible. In this case,
the loop filter components should be referred to ground. The
output of the loop filter is connected to the input voltage pin of
the external VCO. The output of the VCO is brought back into
the device on the LOP and LON pins, using a balun if necessary.
R28
0Ω
(0402)
RFIN
MUX
RSET
CP
VTUNE
LODRV_EN
LON
LOP
2:1
MUX
VCO
CORE
TEMP
SENSOR
DECL2P5
DECL3P3
DECLVCO
BUFFER
BUFFER
IFN
IFP
2
1
4
5
3
IP3SET
RFIN
+
CHARGE PUMP
250µA,
500µA (DEFAULT),
750µA,
1000µA
PRESCALER
÷2
MUXOUT
REF_IN
ADRF6604
19
5
8
36
11
7
4
20
15
23
21
25
24
30
28
35
31
26
PHASE
FREQUENCY
DETECTOR
THIRD-ORDER
FRACTIONAL
INTERPOLATOR
FRACTION
REG
MODULUS
INTEGER
REG
N COUNTER
21 TO 123
×2
÷2
÷4
DIVIDER
÷2
SPI
INTERFACE
C43
10µF
(0603)
C14
22pF
(0603)
CP
TEST
POINT
(ORANGE)
C13
6.8pF
(0603)
C40
22pF
(0603)
C7
0.1µF
(0402)
VCC
RED
+5V
VCC
VTUNE
C15
2.7nF
(1206)
C2
OPEN
(0402)
C1
100pF
(0402)
R1
0Ω
(0402)
R38
0Ω
(0402)
R37
0Ω
(0402)
R2
OPEN
(0402)
C42
10µF
(0603)
C17
0.1µF
(0402)
R63
OPEN
(0402)
R65
10kΩ
(0402)
R9 1
0kΩ
(0402)
R12
0Ω
(0402)
R10
3kΩ
(0603)
R62
0Ω
(0402)
R11
OPEN
(0402)
RFOUT
C16
100pF
(0402)
R18
0Ω
(0402)
C41
OPEN
(0603)
C11
0.1µF
(0402)
C27
0.1µF
(0402)
C29
0.1µF
(0402)
C12
100pF
(0402)
R8
0Ω
(0402)
R16
0Ω
(0402)
C31
1nF
(0402)
C6
1nF
(0402)
R55
OPEN
(0402)
VCC1
RED
S1
OPEN
R56
0
(0402)
C5
1nF
(0402)
R70
49.9Ω
(0402)
4
LO IN/OUT
REF_IN
REFOUT
3
5
1
T8
TC1-1-13+
R20
0
(0402)
R54
10k
(0402)
R19
0
(0402)
S2
R53
10k
(0402)
R35
0
(0402)
R30
0
(0402)
R50
OPEN
(0402)
R57
0
(0402)
R36
0
(0402)
P1
9-PIN
DSUB
VCC_LO
VCC2
VCC1
27
13
12
C8
100pF
(0402)
R6
0Ω
(0402)
C25
0.1µF
(0402)
C24
100pF
(0402)
R26
0Ω
(0402)
C23
0.1µF
(0402)
C22
100pF
(0402)
R25
0Ω
(0402)
C20
0.1µF
(0402)
C21
100pF
(0402)
R24
0Ω
(0402)
C19
0.1µF
(0402)
C18
100pF
(0402)
R17
0Ω
(0402)
C9
0.1µF
(0402)
C10
100pF
(0402)
R7
0Ω
(0402)
2
4
6
1
3
5
7
C32
OPEN
(0402)
R51
OPEN
(0402)
C33
OPEN
(0402)
R52
OPEN
(0402)
C34
OPEN
(0402)
14
DIV
BY
2, 1
VCC_MIX
VCC_V2I
VCC_LO
R27
0Ω
(0402)
R43
0Ω
(0402)
VCC
+5V
R59
0Ω
(0402)
16
2
9
29
18
40
39
3
6
38
37
34
22
17
10
1
8
9
Figure 46. Basic Connections for Operation of the ADRF6604



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com