Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6604ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADRF6604ACPZ-R7
Description  1200 MHz to 3600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6604ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADRF6604ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6604ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6604ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6604ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6604ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6604ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6604ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6604ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6604ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
ADRF6604
Data Sheet
Rev. B | Page 14 of 32
Measured at IF output, CDAC = 0xC, IP3SET = open, internally generated high-side LO, fREF = 153.6 MHz, fPFD = 38.4 MHz,
RFIN = −5 dBm, fIF = 140 MHz, unless otherwise noted. Phase noise measurements made at LO output, unless otherwise noted.
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
1k
1M
10M
100M
1G
OFFSET FREQUENCY (Hz)
LO FREQUENCY = 2883.2MHz
LO FREQUENCY = 2537.6MHz
TA = +85°C
TA = +25°C
TA = –40°C
Figure 32. Phase Noise vs. Offset Frequency
–70
–75
–80
–85
–90
–95
–100
–105
–110
2500
2550
2600
2650
2700
2750
2800
2850
2900
LO FREQUENCY (MHz)
OFFSET AT 2× PFD
OFFSET AT 4× PFD
TA = +85°C
TA = +25°C
TA = –40°C
Figure 33. PLL Reference Spurs vs. LO Frequency (2× PFD and 4× PFD)
–70
–75
–80
–85
–90
–95
–100
–105
–110
2500
2550
2600
2650
2700
2750
2800
2850
2900
LO FREQUENCY (MHz)
OFFSET AT 3× PFD
OFFSET AT 1× PFD
TA = +85°C
TA = +25°C
TA = –40°C
OFFSET AT 0.25× PFD
Figure 34. PLL Reference Spurs vs. LO Frequency (0.25× PFD, 1× PFD, and 3× PFD)
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
2500
2550
2600
2650
2700
2750
2800
2850
2900
LO FREQUENCY (MHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 35. Integrated Phase Noise vs. LO Frequency
–80
–90
–100
–110
–120
–130
–140
–150
2500
2550
2600
2650
2700
2750
2800
2850
2900
LO FREQUENCY (MHz)
OFFSET = 1kHz
OFFSET = 100kHz
OFFSET = 5MHz
TA = +85°C
TA = +25°C
TA = –40°C
Figure 36. Phase Noise vs. LO Frequency (1 kHz, 100 kHz, and 5 MHz Steps)
–80
–85
–90
–95
–100
–105
–110
–115
–120
–125
–130
2500
2550
2600
2650
2700
2750
2800
2850
2900
LO FREQUENCY (MHz)
OFFSET = 10kHz
OFFSET = 1MHz
TA = +85°C
TA = +25°C
TA = –40°C
Figure 37. Phase Noise vs. LO Frequency (10 kHz, 1 MHz Steps)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com