Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17536ATP Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX17536ATP
Description  4.5V to 60V, 4A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17536ATP Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX17536ATP Datasheet HTML 1Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 2Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 3Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 4Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 5Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 6Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 7Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 8Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
General Description
The MAX17536 high-efficiency, high-voltage, synchronous
step-down DC-DC converter with integrated high-side
MOSFET operates over a 4.5V to 60V input. The
converter can deliver up to 4A and generates output
voltages from 0.9V up to 0.9 x VIN. The feedback (FB)
voltage is accurate to within ±1.4% over -40°C to +125°C.
The MAX17536 uses peak current-mode control. The
device can be operated in the pulse-width modulation
(PWM), pulse-frequency modulation (PFM), and
discontinuous-conduction mode (DCM) control schemes.
The device is available in a 20-pin (5mm x 5mm) thin QFN
(TQFN) package. Simulation models are available.
Applications
● IndustrialPowerSupplies
● DistributedSupplyRegulation
● Base-StationPowerSupplies
● WallTransformerRegulation
● High-VoltageSingle-BoardSystems
● General-PurposePoint-of-Load
Benefits and Features
● ReducesExternalComponentsandTotalCost
• No Schottky-Synchronous Operation
• Internal Compensation for Any Output Voltage
• Built-In Soft-Start
• All-CeramicCapacitors,CompactLayout
● ReducesNumberofDC-DCRegulatorstoStock
• Wide 4.5V to 60V Input
• AdjustableOutputVoltageRangefrom0.9Vupto
90% of VIN
• 100kHzto2.2MHzAdjustableSwitchingFrequency
withExternalSynchronization
● ReducesPowerDissipation
• PeakEfficiency>95%
• PFM/DCMModesEnablesEnhancedLight-LoadEfficiency
• AuxiliaryBootstrapLDOforImprovedEfficiency
• 3.5µA Shutdown Current
● OperatesReliablyinAdverseIndustrialEnvironments
• HiccuporLatchoffModeOverloadProtection
• DL-to-LXShortDetectionFeature
• Built-In Output-Voltage Monitoring with RESET
• ProgrammableEN/UVLOThreshold
• MonotonicStartupintoPrebiasedLoad
• Overtemperature Protection
• HighIndustrial-40oCto+125°CAmbient
OperatingTemperatureRange/-40°Cto+150°C
JunctionTemperatureRange
19-7586; Rev 2; 6/18
Ordering Information appears at end of data sheet.
MAX17536
4.5V to 60V, 4A, High-Efficiency, Synchronous
Step-Down DC-DC Converter
with Internal Compensation
Typical Application Circuit for 5V Output
RESET
EN/UVLO
VIN
VIN
BST
RT
VIN
MODE/SYNC
VCC
SGND
CF
SS
FB
DL
PGND
LX
LX
LX
VIN
C11
22000pF
EXTVCC
2.2µF
2.2µF
2.2µF
0.1µF
4.7µH
47µF
VOUT
5V,4A
196kΩ
43.2kΩ
MAX17536
FSW = 450kHz
L1 = XAL6060-472ME
N1 = SIS468DN
C6 = 2.2µF/X7R/10V/0603(MURATA GRM188R71A225K)
C8 = 47µF/X7R/10V/1210(MURATA GRM32ER71A476KE15)
C9 = C10 = 22µF/X7R/10V/1210(MURATA GRM32ER71A226K)
C13 = 0.1µF/50V/X7R/0402 (TDK C1005X7R1H104K050BB)
VIN
6.5V-60V
R3
C6
C7
C1
C2
C8
C9
R4
L1
N1
R1
4.7Ω
22µF
C10
22µF
C3
C4
C5
0.1µF
0.1µF
0.1µF
TYPICAL APPLICATION CIRCUIT FOR 5V OUTPUT
VOUT
R8
C13
4.7Ω
0.1µF
Click
here for production status of specific part numbers.


Similar Part No. - MAX17536ATP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17536 MAXIM-MAX17536 Datasheet
934Kb / 10P
5V Output-Voltage Application
Rev 2; 4/18
MAX17536 MAXIM-MAX17536 Datasheet
926Kb / 10P
3.3V Output-Voltage Application
Rev 2; 4/18
MAX17536EVKITA MAXIM-MAX17536EVKITA Datasheet
926Kb / 10P
3.3V Output-Voltage Application
Rev 2; 4/18
MAX17536EVKITB MAXIM-MAX17536EVKITB Datasheet
934Kb / 10P
5V Output-Voltage Application
Rev 2; 4/18
More results

Similar Description - MAX17536ATP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17546 MAXIM-MAX17546 Datasheet
819Kb / 19P
4.5V–42V, 5A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
Rev 0; 6/15
MAX17572 MAXIM-MAX17572 Datasheet
936Kb / 16P
4.5V–60V, 1A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
Rev 0; 9/16
MAX17575 MAXIM-MAX17575 Datasheet
1Mb / 16P
4.5V–60V, 1.5A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
Rev 3; 12/19
MAX17576 MAXIM-MAX17576 Datasheet
1Mb / 22P
4.5V to 60V, 4A, High-Efficiency Synchronous Step-Down DC-DC Converter with Internal Compensation
Rev 1; 9/20
MAX17545 MAXIM-MAX17545_V01 Datasheet
1Mb / 21P
4.5V??2V, 1.7A, High-Efficiency, Synchronous Step-Down DC-DC Converter With Internal Compensation
2016
MAX17572 MAXIM-MAX17572_V01 Datasheet
815Kb / 16P
4.5V??0V, 1A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
2018
MAX17574 MAXIM-MAX17574_V01 Datasheet
1Mb / 21P
4.5V to 60V, 3A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
2018
MAX17503 MAXIM-MAX17503_V01 Datasheet
5Mb / 27P
4.5V-60V, 2.5A, High-Efficiency, Synchronous Step-Down DC-DC Converter With Internal Compensation
2021
MAX17504 MAXIM-MAX17504_V01 Datasheet
1Mb / 26P
4.5V??0V, 3.5A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
2017
MAX17543 MAXIM-MAX17543_V01 Datasheet
2Mb / 19P
4.5V??2V, 2.5A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com