Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17536ATP Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX17536ATP
Description  4.5V to 60V, 4A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17536ATP Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX17536ATP Datasheet HTML 1Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 2Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 3Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 4Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 5Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 6Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 7Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 8Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
VINtoPGND .........................................................-0.3V to +65V
EN/UVLO,SStoSGND ........................................-0.3V to +65V
LXtoPGND................................................-0.3V to (VIN + 0.3V)
BSTtoPGND........................................................-0.3V to +70V
BSTtoLX.............................................................-0.3V to +6.5V
BST to VCC ...........................................................-0.3V to +65V
FB, CF, RESET,MODE/SYNC,RTtoSGND ......-0.3V to +6.5V
DL,VCCtoPGND ................................................-0.3V to +6.5V
SGNDtoPGND....................................................-0.3V to +0.3V
EXTVCCtoPGND ................................................-0.3V to +26V
LXTotalRMSCurrent ........................................................±9.9A
Output Short-Circuit Duration....................................Continuous
Continuous Power Dissipation (TA = +70°C) (multilayer board)
TQFN (derate 33.3mW/°C above TA = +70°C)......2666.7mW
OperatingTemperatureRange(Note1)........... -40°C to +125°C
Junction Temperature......................................................+150°C
StorageTemperatureRange............................ -65°C to +160°C
LeadTemperature(soldering,10s) .................................+300°C
Soldering Temperature (reflow).......................................+260°C
PACKAGE TYPE: 20 TQFN-EP*
Package Code
T2055+4
Outline Number
21-0140
LandPatternNumber
90-0009
THERMAL RESISTANCE, FOUR-LAYER BOARD: (Note 2)
JunctiontoAmbient(θJA)
23°C/W
JunctiontoCase(θJC)
2°C/W
Note 1: Junction temperature greater than +125°C degrades operating lifetimes
Note 2: Applicable only to the Evaluation Kit in free space with no airflow.
(VIN = VEN/UVLO=24V,RRT=open(450kHz),CVCC = 2.2µF, VPGND = VSGND = VMODE/SYNC=0V,LX=SS=RESET = open, VBST
to VLX = 5V, VFB = 1V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C. All voltages are referenced
toSGND,unlessotherwisenoted.)(Note3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
INPUT SUPPLY (VIN)
InputVoltageRange
VIN
4.5
60
V
Input Shutdown Current
IIN-SH
VEN/UVLO = 0V (shutdown mode)
3.5
5.5
µA
Input Quiescent Current
IQ_PFM
VFB = 1V, MODE = RT=open
128
VFB = 1V, MODE =open,RRT=40.2kΩ
168
IQ_DCM
DCM mode, VLX= 0.1V
1.27
2
mA
ENABLE/UVLO (EN/UVLO)
EN/UVLOThreshold
VENR
VEN/UVLOrising
1.19
1.215 1.24
V
VENF
VEN/UVLOfalling
1.068
1.09
1.112
EN/UVLOInputLeakageCurrent
IEN
VEN/UVLO = 1.245V, TA = +25°C
-50
0
+50
nA
Maxim Integrated │ 2
MAX17536
4.5V to 60V, 4A, High-Efficiency, Synchronous
Step-Down DC-DC Converter
with Internal Compensation
www.maximintegrated.com
Electrical Characteristics
Electrical Characteristics
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Absolute Maximum Ratings
Package Information
For the latest package outline information and land patterns (footprints), go to
www.maximintegrated.com/packages. Note that a “+”,
“#”,or“-”inthepackagecodeindicatesRoHSstatusonly.Packagedrawingsmayshowadifferentsuffixcharacter,butthedrawing
pertainstothepackageregardlessofRoHSstatus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com