Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17536ATP Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX17536ATP
Description  4.5V to 60V, 4A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17536ATP Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX17536ATP Datasheet HTML 11Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 12Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 13Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 14Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 15Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 16Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 17Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 18Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 19Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Figure 3. Typical Application Circuit for 5V Output
Figure 4. Typical Application Circuit for 3.3V Output
RESET
EN/UVLO
VIN
VIN
BST
RT
VIN
MODE/SYNC
VCC
SGN
D
CF
SS
FB
DL
PGND
LX
LX
LX
VIN
C11
22000pF
EXTVCC
2.2µF
2.2µF
2.2µF
0.1µF
4.7µH
47µF
VOUT
5V,4A
196kΩ
43.2kΩ
MAX17536
FSW = 450kHz
L1 = XAL6060-472ME
N1 = SIS468DN
C6 = 2.2µF/X7R/10V/0603(MURATA GRM188R71A225K)
C8 = 47µF/X7R/10V/1210(MURATA GRM32ER71A476KE15)
C9 = C10 = 22µF/X7R/10V/1210(MURATA GRM32ER71A226K)
C13 = 0.1µF/50V/X7R/0402(TDK C1005X7R1H104K050BB)
MODE/SYNC: 1. CONNECT TO SGND FOR PWM MODE
2. CONNECT TO VCC FOR DCM MODE
3. LEAVE OPEN FOR PFM MODE
VIN
6.5V-60V
R3
C6
C7
C1
C2
C8
C9
R4
L1
N1
R1
4.7Ω
22µF
C10
22µF
C3
C4
C5
0.1µF
0.1µF
0.1µF
VOUT
R8
C13
4.7Ω
0.1µF
RESET
EN/UVLO
VIN
VIN
BST
RT
VIN
MODE/SYNC
VCC
SGND
CF
SS
FB
DL
PGND
LX
LX
LX
VIN
C11
22000pF
EXTVCC
2.2µF
2.2µF
2.2µF
0.1µF
3.3µH
47µF
VOUT
3.3V, 4A
133kΩ
49.9kΩ
MAX17536
VIN
4.5V-48V
R3
C6
C7
C1
C2
C8
C9
R4
L1
N1
R1
4.7Ω
47µF
C10
22µF
C3
C4
C5
0.1µF
0.1µF
0.1µF
FSW = 450kHz
L1 = XAL5050-332ME
N1 = SIS468DN
C6 = 2.2µF/X7R/10V/0603(MURATA GRM188R71A225K)
C8 = C9 = 47µF/X7R/10V/1210(MURATA GRM32ER71A476KE15)
C10 = 22µF/X7R/10V/1210(MURATA GRM32ER71A226K)
MODE/SYNC: 1. CONNECT TO SGND FOR PWM MODE
2. CONNECT TO VCC FOR DCM MODE
3. LEAVE OPEN FOR PFM MODE
Maxim Integrated │ 17
MAX17536
4.5V to 60V, 4A, High-Efficiency, Synchronous
Step-Down DC-DC Converter
with Internal Compensation
www.maximintegrated.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com