Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17536ATP Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX17536ATP
Description  4.5V to 60V, 4A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17536ATP Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX17536ATP Datasheet HTML 11Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 12Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 13Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 14Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 15Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 16Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 17Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 18Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 19Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Power Dissipation
At a particular operating condition, the power losses that
lead to temperature rise of the part are estimated as
follows:
(
)
(
)
(
)
22
LOSS
OUT
DCR
OUT
LS
OUT
1
P
(P
( -1)) -I
R
-I
1- D R
=
×
×
×
×
η
=
×
OUT
OUT
OUT
P
VI
where POUTisthetotaloutputpower,ηistheefficiency
of the converter, RDCR is the DC resistances of the
inductor,RLS is the on-resistance of the low-side exter-
nal MOSFET, and D = VOUT/VIN is the duty ratio of the
converter (see the Typical Operating Characteristics
curves for more information on efficiency at typical
operating conditions).
For the MAX17536 EV kit, the thermal-performance
metrics for the package are given below:
JA 30 C W
θ
=
°
23
JC 2 CW
θ= °
The junction temperature of the device can be estimated
at any given maximum ambient temperature (TA_MAX)
from the equation below:
(
)
=
+ θ
×
J_MAX
A_MAX
JA
LOSS
TT
P
If the application has a thermal-management system that
ensures that the exposed pad of the device is maintained
at a given temperature (TEP_MAX) by using proper heat
sinks, then the junction temperature of the device can be
estimated at any given maximum ambient temperature
from the equation below:
(
)
=
+ θ
×
J_MAX
EP_MAX
JC
LOSS
TT
P
Junction temperature greater than +125°C degrades
operating lifetimes.
PCB Layout Guidelines
All connections carrying pulsed currents must be very
short and as wide as possible. The inductance of these
connections must be kept to an absolute minimum due
to the high di/dt of the currents. Since inductance of a
current-carrying loop is proportional to the area enclosed
by the loop, if the loop area is made very small, inductance
is reduced. Additionally, small current-loop areas reduce
radiated EMI.
A ceramic input filter capacitor should be placed close to the
VIN pins of the IC. This eliminates as much trace inductance
effects as possible and gives the IC a cleaner voltage
supply. A bypass capacitor for the VCC pin also should be
placed close to the pin to reduce effects of trace impedance.
When routing the circuitry around the IC, the analog
small-signal ground and the power ground for switching
currents must be kept separate. They should be connected
together at a point where switching activity is at a
minimum, typically the return terminal of the VCC bypass
capacitor. This helps keep the analog ground quiet.
The ground plane should be kept continuous/unbroken
as long as possible. No trace carrying high switching
current should be placed directly over any ground plane
discontinuity.
PCB layout also affects the thermal performance of the
design. A number of thermal vias that connect to a large
ground plane should be provided under the exposed pad
of the part for efficient heat dissipation.
For a sample layout that ensures first-pass success,
refer to the MAX17536 evaluation kit layout available at
www.maximintegrated.com.
Figure 2. Setting the Output Voltage
Table 2. C12 Capacitor Value at Various
Switching Frequencies
SWITCHING FREQUENCY RANGE (kHz)
C12 (pF)
200 to 300
2.2
300 to 450
1.2
R3
R4
SGND
FB
VOUT
Maxim Integrated │ 16
MAX17536
4.5V to 60V, 4A, High-Efficiency, Synchronous
Step-Down DC-DC Converter
with Internal Compensation
www.maximintegrated.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com