Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17536ATP Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX17536ATP
Description  4.5V to 60V, 4A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17536ATP Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX17536ATP Datasheet HTML 7Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 8Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 9Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 10Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 11Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 12Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 13Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 14Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
PIN
NAME
FUNCTION
12
SS
Soft-StartInput.ConnectacapacitorfromSStoSGNDtosetthesoft-starttime.
13
EN/UVLO
Enable/UndervoltageLockout.DriveEN/UVLOhightoenabletheoutputvoltage.Connecttothecenter
of the resistor-divider between VINandSGNDtosettheinputvoltageatwhichtheMAX17536turnson.
Pull up to VIN for always-on operation.
16
BST
BoostFlyingCapacitor.Connecta0.1µFceramiccapacitorbetweenBSTandLX.
17–19
LX
SwitchingNode.ConnectLXpinstotheswitchingsideoftheinductor.
20
DL
UseDLpintodrivethegateofthelow-sideexternalnMOSFET.AresistorconnectedbetweentheDLpin
andSGNDselectstheoverload-protectionmethodandthepeakandrunawaycurrentlimits.Connecta
4.7ΩresistorbetweentheDLpinandthegateofthelow-sideexternalnMOSFET.SeetheOvercurrent
Protection/Hiccup Mode section for more details.
—
EP
AlwaysconnectEPtotheSGNDpinoftheIC.Also,connectEPtoalargeSGNDplanewithseveral
thermalviasforbestThermalperformance.RefertotheMAX17536EVkitdatasheetforanexampleof
the correct method for EP connection and thermal vias.
SGND
EXTVCC
MODE/SYNC
SS
HICCUP
RT
RESET
EN/UVLO
OSCILLATOR
CURRENT SENSE
LOGIC
MAX17536
1.215V
5µA
LDO
SELECT
VCC
VBG = 0.9V
PWM/
PFM/
HICCUP LOGIC
MODE SELECTION
LOGIC
SLOPE COMPENSATION
SWITCHOVER LOGIC
ERROR AMPLIFIER/
LOOP COMPENSATION
HICCUP
FB
CF
VCC
RESET LOGIC
FB
EN/UVLO
VCC
BST
VIN
LX
DL
PGND
Maxim Integrated │ 11
MAX17536
4.5V to 60V, 4A, High-Efficiency, Synchronous
Step-Down DC-DC Converter
with Internal Compensation
www.maximintegrated.com
Pin Description (continued)
Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com