Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17536ATP Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX17536ATP
Description  4.5V to 60V, 4A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17536ATP Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX17536ATP Datasheet HTML 11Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 12Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 13Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 14Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 15Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 16Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 17Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 18Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 19Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Select a low-loss inductor closest to the calculated
value with acceptable dimensions and having the lowest
possible DC resistance. The saturation current rating
(ISAT) of the inductor must be high enough to ensure that
saturation can occur only above the peak current-limit
value.
Output Capacitor Selection
X7Rceramicoutputcapacitorsarepreferredduetotheir
stability over temperature in industrial applications. The
outputcapacitorsareusuallysizedtosupportastepload
of 50% of the maximum output current in the application,
so the output-voltage deviation is contained to 3% of the
output-voltage change. The minimum required output
capacitance can be calculated as follows:
×
= ×
∆
STEP
RESPONSE
OUT
OUT
It
1
C
2V
≅+
RESPONSE
C
sw
0.33
1
t
()
f
f
where ISTEP is the load current step, tRESPONSE is the
response time of the controller, DVOUT is the allowable
output-voltage deviation, fC is the target closed-loop
crossover frequency, and fSW is the switching frequency.
Select fC to be 1/9th of fSW if the switching frequency is
lessthanorequalto450kHz.Iftheswitchingfrequencyis
greaterthan450kHz,selectfCtobe50kHz.
Soft-Start Capacitor Selection
The MAX17536 implements adjustable soft-start operation
to reduce inrush current. A capacitor connected from
the SS pin to SGND programs the soft-start time. The
selected output capacitance (CSEL) and the output
voltage (VOUT) determine the minimum required soft-start
capacitor as follows:
CSS≥28x10-6 x CSEL x VOUT
The soft-start time (tSS) is related to the capacitor
connected at SS (CSS) by the following equation:
tSS = CSS/(5.55 x 10-6)
For example, to program a 4ms soft-start time, a 22nF
capacitorshouldbeconnectedfromtheSSpintoSGND.
Setting the Input Undervoltage-Lockout Level
The MAX17536 offers an adjustable input undervoltage-
lockout level. Set the voltage at which the device turns
on with a resistive voltage-divider connected from VIN to
SGND (See Figure 1). Connect the center node of the
dividertoEN/UVLO.
ChooseR1tobe3.3MIandthencalculateR2asfollows:
×
=
INU
R1 1.215
R2
(V
-1.215)
where VINU is the voltage at which the device is required
to turn on. Ensure that VINU is higher than 0.8 x VOUT.
Loop Compensation
TheMAX17536isinternallyloopcompensated.However,
iftheswitchingfrequencyislessthan450kHz,connecta
0402 capacitor (C12) between the CF pin and the FB pin.
Use Table 2 to select the value of C12.
Adjusting Output Voltage
Set the output voltage with a resistive voltage-divider
connected from the positive terminal of the output
capacitor (COUT)toSGND(seeFigure 2). Connect the
center node of the divider to the FB pin. Use the following
procedure to choose the resistive voltage-divider values:
CalculateresistorR3fromtheoutputtoFBasfollows:
3
C
OUT_SEL
451 10
R3
fC
×
=
×
whereR3isinkI,crossoverfrequencyfCisinkHz,and
COUT_SEL is Actual derated capacitance of selected
outputcapacitoratDC-biasvoltageinμF.ChoosefC to
be 1/9th of the switching frequency (fSW) if the switching
frequencyislessthanorequalto450kHz.Iftheswitching
frequencyisgreaterthan450kHz,selectfCtobe50kHz.
CalculateresistorR4fromFBtoSGNDasfollows:
×
=
OUT
R3 0.9
R4
(V
- 0.9)
Figure 1. Setting the Input Undervoltage Lockout
R1
R2
SGND
EN/UVLO
VIN
Maxim Integrated │ 15
MAX17536
4.5V to 60V, 4A, High-Efficiency, Synchronous
Step-Down DC-DC Converter
with Internal Compensation
www.maximintegrated.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com