Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6720ACPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADRF6720ACPZ-R7
Description  Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6720ACPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADRF6720ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6720ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6720ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6720ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6720ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6720ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6720ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6720ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6720ACPZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
ADRF6720
Data Sheet
BASEBAND INPUTS
Drive the four I and Q inputs with an external bias level of 500 mV.
These inputs are generally dc-coupled to the outputs of a dual
DAC. The nominal drive level used in the characterization of
the ADRF6720 is 1 V p-p differential (or 500 mV p-p on each
pin).
The I and Q input resistances are 500 Ω, differential. As a result,
the external shunt resistors at the I and Q inputs may be
required to interface a DAC or a filter. The effective value of the
resistance is 500 Ω in parallel with the shunt resistor (see the
DAC to I/Q Modulator Interfacing section for more
information).
LO INPUT
The external LO input is designed to be driven differentially.
AC couple both sides of the differential LO source through a
pair of series capacitors to the LOIN+ and LOIN− pins.
The typical LO drive level, used for the characterization of the
ADRF6720, is 0 dBm.
Apply the reference frequency for the PLL (between 5.7 MHz
and 320 MHz) to the REFIN pin, which is ac-coupled. If the
REFIN pin is being driven from a 50 Ω source, terminate the
pin with 50 Ω as shown in Figure 44. Apply a drive level of
about 4 dBm to 14 dBm; 4 dBm is used at characterization.
LOOP FILTER
The loop filter in Figure 44 is connected between the CP and
VTUNE pins. The recommended components for 20 kHz filter
designs are shown in Table 8.
RF OUTPUT
The RF output is available at the RFOUT pin (Pin 24), which can
drive a 50 Ω load.
Rev. 0 | Page 24 of 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com