Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6720ACPZ-R7 Datasheet(PDF) 36 Page - Analog Devices

Part # ADRF6720ACPZ-R7
Description  Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6720ACPZ-R7 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADRF6720ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADRF6720ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADRF6720ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADRF6720ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADRF6720ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADRF6720ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADRF6720ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADRF6720ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADRF6720ACPZ-R7 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
ADRF6720
Data Sheet
Bits
Bit Name
Settings
Description
Reset
Access
[2:0]
REF_SEL
Set REF Input Multiply/Divide Ratio.
0x3
RW
000
×2.
001
×1.
010
Divide by 2.
011
Divide by 4.
100
Divide by 8.
Address: 0x22, Reset: 0x2A03, Name: VCO_CTL
Table 23. Bit Descriptions for VCO_CTL
Bits
Bit Name
Settings
Description
Reset
Access
[15:12]
VCO_LDO_R4SEL
VCO LDO Resistor 4 Selections.
0x2
RW
[11:8]
VCO_LDO_R2SEL
VCO LDO Resistor 2 Selections.
0xA
RW
[7:6]
LO_DRV_LVL
Set External LO Output Amplitude.
0x0
RW
00
−5.1 dBm.
01
−0.5 dBm.
10
3 dBm.
5
DRVDIV2_EN
Divide by 2 for External LO Driver Enable.
0x0
RW
0
Disable.
1
Enable.
4
DIV8_EN
Divide by 2 in LO Path for Total of Division of 8.
0x0
RW
0
Disable.
1
Enable.
3
DIV4_EN
Divide by 2 in LO Path for Total of Division of 4.
0x0
RW
0
Disable.
1
Enable.
Rev. 0 | Page 36 of 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com