Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6720ACPZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADRF6720ACPZ-R7
Description  Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6720ACPZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADRF6720ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6720ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6720ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6720ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6720ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6720ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6720ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADRF6720ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADRF6720ACPZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
ADRF6720
Data Sheet
baseband frequency response of ADRF6720, facilitating high
CIF and providing sufficient flat bandwidth for digital
predistortion (DPD) algorithms. Any flatness variations across
frequency at the ADRF6720 RF output have been calibrated out
of this measurement.
Figure 48. ADRF6720 Baseband Frequency Response
CARRIER FEEDTHROUGH NULLING
Carrier feedthrough results from minute dc offsets that occur
on the differential baseband inputs. In an I/Q modulator,
nonzero differential offsets mix with the LO and result in
carrier feedthrough to the RF output. In addition to this effect,
some of the signal power at the LO input couples directly to the
RF output (this may be as a result of bond wire to bond wire
coupling or coupling through the silicon substrate). The net
carrier feedthrough at the RF output is the vector combination
of the signals that appear at the output as a result of these two
effects.
The ADRF6720 has a feature to add dc current, positive or
negative, to both the I and Q channels for carrier feedthrough
nulling. Figure 49 shows carrier feedthrough vs. DCOFF_I
(Register 0x33[15:8]) and DCOFF_Q (Register 0x33[7:0]).
The carrier feedthrough nulling can also be accomplished
externally by a TxDAC.
Figure 49. Carrier Feedthrough Optimization Through DCOFF_I and
DCOFF_Q Adjustment
SIDEBAND SUPPRESSION OPTIMIZATION
Sideband suppression results from gain and phase imperfection
between the I and Q channels. Sideband suppression also results
from the quadrature error in generating quadrature LO signals.
The net unwanted sideband signal at the RF output is the vector
combination of the signals as a result of these effects.
The ADRF6720 offers quadrature phase adjustment through the
I_LO (Register 0x32[3:0]) and Q_LO (Register 0x32[7:4])
parameters to reject unwanted sideband signal.
Figure 50 shows the level of unwanted sideband signal
achievable from the ADRF6720 across the I_LO and Q_LO
parameters
If further optimization is required, the amplitude and phase
adjustments can be made externally by a TxDAC. The result of
this type of adjustment is shown in Figure 51.
Figure 50. Sideband Suppression Optimization Through I_LO and Q_LO
Adjustment ; LO = 2140 MHz
Figure 51. Sideband Suppression Before and After Nulling Using I_LO and
Q_LO Through External Adjustment; LO = 2140 MHz
1
0
–1
–2
–3
–4
–5
–6
0
200
400
600
BB FREQUENCY (MHz)
800
1000
–20
–20
–30
–40
–50
–60
–70
–30
–40
–50
–60
–70
DCO
FF
_I
DCO
FF_Q
300
200
100
0
0
50
100
150
200
250
300
–30
–35
–40
–50
–55
–65
–45
–60
–70
–30
–35
–40
–50
–55
–65
–45
–60
–70
I_
LO
Q_LO
15
10
5
0
0
5
10
15
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
700
1200
1700
2200
2700
LO FREQUENCY (MHz)
BEFORE NULLING
AFTER NULLING BY I_LO, Q_LO IN ADRF6720
AFTER NULLING EXTERNALLY
Rev. 0 | Page 26 of 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com