Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6720ACPZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADRF6720ACPZ-R7
Description  Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6720ACPZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADRF6720ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6720ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6720ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6720ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6720ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6720ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6720ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6720ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADRF6720ACPZ-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
Data Sheet
ADRF6720
APPLICATIONS INFORMATION
DAC TO I/Q MODULATOR INTERFACING
The ADRF6720 is designed to interface with minimal
components to members of the Analog Devices, Inc., family of
TxDAC® converters. These dual-channel differential current
output DACs provide an output current swing from 0 mA to
20 mA. The interface described in this section can be used with
any DAC that has a similar output.
An example of an interface using the AD9142A TxDAC is shown
in Figure 45. The baseband inputs of the ADRF6720 require a dc
bias of 500 mV. The nominal midscale output current on each of
the outputs of the AD9142A is 10 mA. Therefore, an average
current of 10 mA flowing through a single 50 Ω resistor to
ground from each of the DAC outputs produces the desired
500 mV dc bias for the inputs to the ADRF6720. Place a shunt
125 Ω external resistor across the I and Q inputs to match the
100 Ω impedance of the DAC. The external resistor reduces the
voltage swing for a given DAC output current. The AD9142A
output currents have a swing ranging from 0 mA to 20 mA.
With the 50 Ω termination resistors to ground in the DAC
outputs and the 125 Ω shunt resistors in place, the resulting
drive signal from each differential pair is 1 V p-p differential
(with the DAC running at 0 dBFS) with a 500 mV dc bias.
Figure 45. Interface Between the AD9142A and ADRF6720 with 50 Ω
Resistors to Ground to Establish the 500 mV DC Bias for the ADRF6720
Baseband Inputs
Adjust the voltage swing for a given DAC output current by
placing a different resistance value on RLI and RLQ to the interface
(see Figure 45). This adjustment has the effect of varying the ac
swing without changing the dc bias already established by the
50 Ω resistors. A higher resistance value increases the output
power of the ADRF6720 and signal-to-noise ratio (SNR) at the
cost of higher intermodulation distortion.
When setting the size of resistor to adjust swing level, take the input
impedance of the I and Q inputs into account. The I and Q inputs
have a differential input resistance of 500 Ω. As a result, the
effective value of the resistance is 500 Ω in parallel with the
chosen shunt resistor. For example, if a 100 Ω resistance is desired
(based on Figure 45), the value of RLI or RLQ must be set such that
100 Ω = (500 × RLI)/(500 + RLI)
100 Ω = (500 × RLQ)/(500 + RLQ)
resulting in a value for RLI and RLQ of 125 Ω.
Figure 47 shows the differential input resistance and
capacitance over baseband input frequencies.
Figure 46. Relationship Between the Effective AC Swing Limiting Resistance
and the Peak-to-Peak Voltage Swing with 50 Ω Bias Setting Resistors
Figure 47. Differential Baseband Input Resistance and Input Capacitance
Equivalents (Shunt R, Shunt C)
I/Q Filtering
An antialiasing filter between the DAC and modulator is
necessary to filter out Nyquist images, common-mode noise,
and broadband DAC noise. The interface for setting up the
biasing and ac swing described in the DAC to I/Q Modulator
Interfacing section lends itself well to the introduction of such a
filter. The filter can be inserted between the dc bias setting
resistors and the ac swing limiting resistor. With this
configuration, the dc bias setting resistors set the source
impedance, and the ac swing limiting resistor sets the load
impedance with a 500 Ω differential I and Q input impedance
in parallel for the filter.
BASEBAND BANDWIDTH
The ADRF6720 can be used with a DAC generating a complex
IF (CIF), as well as a zero IF signal (ZIF). The 1 dB bandwidth
of the ADRF6720 is more than 1000 MHz. Figure 48 shows the
67
66
I–
I+
AD9142A
ADRF6720
57
56
IOUT1N
IOUT1P
IOUT2P
IOUT2N
Q+
Q–
RBI+
50
Ω
RBI–
50
Ω
RBQ+
50
Ω
RBQ–
50
Ω
RLI
125
Ω
RLQ
125
Ω
3
4
8
9
500
Ω
500
Ω
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
10
100
1k
10k
EFFECTIVE AC SWING LIMITING RESISTANCE (
Ω)
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
0
50
100
150
200
250
300
350
400
450
500
0
100
200
300
400
500
600
700
800
900
1000
FREQUENCY (MHz)
RESISTANCE
CAPACITANCE
Rev. 0 | Page 25 of 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com