Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6720ACPZ-R7 Datasheet(PDF) 37 Page - Analog Devices

Part # ADRF6720ACPZ-R7
Description  Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6720ACPZ-R7 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADRF6720ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADRF6720ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADRF6720ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADRF6720ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADRF6720ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADRF6720ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADRF6720ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADRF6720ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADRF6720ACPZ-R7 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
Data Sheet
ADRF6720
Bits
Bit Name
Settings
Description
Reset
Access
[2:0]
VCO_SEL
Select VCO Core/External LO.
0x3
RW
000
4.6 GHz to 5.71 GHz.
001
4.02 GHz to 4.6 GHz.
010
3.5 GHz to 4.02 GHz.
011
2.85 GHz to 3.5 GHz.
100
External LO/VCO.
Address: 0x30, Reset: 0x0000, Name: BALUN_CTL
Table 24. Bit Descriptions for BALUN_CTL
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
BAL_COUT
Set Balun Output Capacitance.
0x0
RW
0000
Minimum Capacitance Value.
1111
Maximum Capacitance Value.
[3:0]
BAL_CIN
Set Balun Input Capacitance.
0x0
RW
0000
Minimum Capacitance Value.
1111
Maximum Capacitance Value.
Address: 0x31, Reset: 0x1101, Name: MOD_LIN_CTL
Table 25. Bit Descriptions for MOD_LIN_CTL
Bits
Bit Name
Settings
Description
Reset
Access
[12:6]
MOD_RSEL
Modulator Linearizer RSEL Value.
0x44
RW
[5:0]
MOD_CSEL
Modulator Linearizer CSEL Value.
0x01
RW
Rev. 0 | Page 37 of 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com