Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMM5709X Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FMM5709X
Description  K/Ka Band Low Noise Amplifier MMIC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FMM5709X Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FMM5709X Datasheet HTML 1Page - List of Unclassifed Manufacturers FMM5709X Datasheet HTML 2Page - List of Unclassifed Manufacturers FMM5709X Datasheet HTML 3Page - List of Unclassifed Manufacturers FMM5709X Datasheet HTML 4Page - List of Unclassifed Manufacturers FMM5709X Datasheet HTML 5Page - List of Unclassifed Manufacturers FMM5709X Datasheet HTML 6Page - List of Unclassifed Manufacturers FMM5709X Datasheet HTML 7Page - List of Unclassifed Manufacturers FMM5709X Datasheet HTML 8Page - List of Unclassifed Manufacturers FMM5709X Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
FMM5709X
K / Ka Band Low Noise Amplifier MMIC
NOISE FIGURE, ASSOCIATED GAIN
vs. FREQUENCY
VDD=3V
VDD=3V
P1dB, G1dB vs. FREQUENCY
OUTPUT POWER vs. INPUT POWER
VDD=3V
GAIN vs. INPUT POWER
VDD=3V
0
1
2
3
4
5
6
7
8
9
10
11
12
16 18 20 22 24 26 28 30 32 34 36 38 40
Frequency [GHz]
0
5
10
15
20
25
30
NF
Gas
6
8
10
12
14
16
18
20
22
24
26
16 18 20 22 24 26 28 30 32 34 36
Frequency [GHz]
P1dB
G1dB
2
4
6
8
10
12
14
16
-22 -20 -18 -16 -14 -12 -10 -8
-6
-4
-2
Input Power [dBm]
18GHz
22GHz
26GHz
30GHz
32GHz
14
16
18
20
22
24
26
-22 -20 -18 -16 -14 -12 -10 -8
-6
-4
-2
Input Power [dBm]
18GHz
22GHz
26GHz
30GHz
32GHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com