Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMM5709X Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FMM5709X
Description  K/Ka Band Low Noise Amplifier MMIC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FMM5709X Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FMM5709X Datasheet HTML 1Page - List of Unclassifed Manufacturers FMM5709X Datasheet HTML 2Page - List of Unclassifed Manufacturers FMM5709X Datasheet HTML 3Page - List of Unclassifed Manufacturers FMM5709X Datasheet HTML 4Page - List of Unclassifed Manufacturers FMM5709X Datasheet HTML 5Page - List of Unclassifed Manufacturers FMM5709X Datasheet HTML 6Page - List of Unclassifed Manufacturers FMM5709X Datasheet HTML 7Page - List of Unclassifed Manufacturers FMM5709X Datasheet HTML 8Page - List of Unclassifed Manufacturers FMM5709X Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
FMM5709X
K / Ka Band Low Noise Amplifier MMIC
■
■
■
■ S-Parameter
FREQ.
[MHz]
mag.
ang.
mag.
ang.
mag.
ang.
mag.
ang.
1000
0.959
-25.9
0.008
-156.9
0.001
-10.3
0.997
-19.1
2000
0.955
-51.0
0.019
154.9
0.001
-25.6
0.983
-39.1
3000
0.952
-75.9
0.035
65.7
0.001
-171.1
0.908
-59.1
4000
0.946
-99.9
0.031
-22.8
0.001
173.6
0.858
-75.7
5000
0.938
-123.2
0.018
-92.8
0.001
-1.3
0.816
-94.7
6000
0.930
-146.1
0.012
-102.3
0.001
-133.3
0.771
-112.0
7000
0.919
-168.5
0.009
-106.0
0.001
147.2
0.770
-137.7
8000
0.906
169.2
0.086
-80.9
0.000
131.7
0.586
-168.1
9000
0.890
146.8
0.233
175.3
0.001
161.3
0.415
176.9
10000
0.878
123.8
0.161
97.4
0.001
136.4
0.303
162.8
11000
0.860
98.9
0.138
156.8
0.001
89.5
0.217
156.2
12000
0.828
71.7
0.655
122.9
0.001
149.3
0.179
156.1
13000
0.769
40.9
1.666
71.2
0.002
13.5
0.165
154.9
14000
0.657
6.8
3.671
17.1
0.001
-15.4
0.162
149.5
15000
0.488
-27.9
7.153
-44.3
0.001
110.3
0.155
141.8
16000
0.319
-54.0
11.694
-111.8
0.002
-133.8
0.159
136.8
17000
0.222
-66.7
15.274
-179.8
0.001
-93.7
0.170
122.7
18000
0.210
-73.7
16.572
117.2
0.002
-103.6
0.158
109.1
19000
0.233
-91.4
16.251
61.8
0.002
83.2
0.146
91.6
20000
0.266
-112.2
15.490
13.4
0.003
159.7
0.115
80.0
21000
0.304
-134.9
15.034
-30.5
0.002
101.3
0.090
81.2
22000
0.342
-155.9
14.888
-71.8
0.002
122.4
0.079
90.9
23000
0.376
-177.1
14.901
-111.9
0.004
118.6
0.099
98.6
24000
0.402
162.2
15.063
-151.4
0.001
-5.9
0.130
94.2
25000
0.424
141.7
15.153
169.5
0.002
64.4
0.165
86.2
26000
0.441
123.4
15.263
130.8
0.005
43.5
0.196
69.3
27000
0.444
105.3
15.068
92.7
0.003
1.9
0.209
52.1
28000
0.437
88.5
14.910
55.4
0.004
24.1
0.222
33.2
29000
0.439
72.7
14.657
18.6
0.003
-31.2
0.221
14.3
30000
0.447
57.9
14.717
-18.1
0.003
-48.2
0.213
-1.9
31000
0.441
42.1
14.839
-54.9
0.002
6.4
0.202
-16.6
32000
0.457
25.4
14.982
-93.4
0.005
-11.1
0.179
-22.8
33000
0.453
5.3
15.122
-133.5
0.006
-132.4
0.196
-29.9
34000
0.414
-17.9
14.577
-176.8
0.008
103.9
0.238
-43.6
35000
0.365
-43.2
12.651
139.2
0.004
109.2
0.327
-69.5
36000
0.276
-67.3
10.093
97.6
0.005
161.1
0.355
-98.2
37000
0.188
-89.6
7.902
59.6
0.007
42.3
0.401
-127.4
38000
0.112
-107.1
6.067
26.8
0.006
63.4
0.416
-152.8
39000
0.053
-116.3
4.710
-3.9
0.010
23.4
0.446
179.1
40000
0.005
56.6
3.687
-31.8
0.010
16.7
0.459
160.2
VDD=3V
S11
S21
S12
S22



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com