Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMM5709X Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FMM5709X
Description  K/Ka Band Low Noise Amplifier MMIC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FMM5709X Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FMM5709X Datasheet HTML 1Page - List of Unclassifed Manufacturers FMM5709X Datasheet HTML 2Page - List of Unclassifed Manufacturers FMM5709X Datasheet HTML 3Page - List of Unclassifed Manufacturers FMM5709X Datasheet HTML 4Page - List of Unclassifed Manufacturers FMM5709X Datasheet HTML 5Page - List of Unclassifed Manufacturers FMM5709X Datasheet HTML 6Page - List of Unclassifed Manufacturers FMM5709X Datasheet HTML 7Page - List of Unclassifed Manufacturers FMM5709X Datasheet HTML 8Page - List of Unclassifed Manufacturers FMM5709X Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FEATURES
・Low Noise Figure : NF = 2.5dB ( Typ.) @ f=30GHz
・High Associated Gain : Gas = 23dB ( Typ.) @f=30GHz
・Broad Band : 17.5 ~ 32GHz
・High Output Power : P1dB = 12.5dBm ( Typ. ) @f=30GHz
・Impedance Matched Zin/Zout = 50
Ω
Edition 1.1
July 2004
1
K / Ka Band Low Noise Amplifier MMIC
FMM5709X
DESCRIPTION
The FMM5709X is a LNA MMIC designed for applications in the
17.5 - 32 GHz frequency range. This product is well suited for satellite
communications, radio link, and applications where low noise and high
dynamic range are required.
Eudyna’s stringent Quality Assurance Program assures the highest
reliability and consistent performance.
ABSOLUTE MAXIMUM RATING
Item
Symbol
Unit
Drain Voltage
VDD
V
Input Power
Pin
dBm
Storage Temperature
Tstg
oC
RECOMMENDED OPERATING CONDITIONS
Item
Symbol
Unit
Drain Voltage
VDD
V
Operating Backside Temperature
Top
oC
ELECTRICAL CHARACTERISTICS (Ambient Temperature Ta=25
oC)
Unit
Min.
Typ.
Max.
Noise Figure
NF
-
2.5
3.0
dB
Associated Gain
Gas
20
23
26
dB
Output Power at 1dB G.C.P.
P1dB
-
12.5
-
dBm
Output 3rd order intercept point
OIP3
-
22.5
-
dBm
Drain Current at 1dB G.C.P.
Iddrf
-
60
75
mA
Input Return Loss
RLin
-
-10
-
dB
Output Return Loss
RLout
-
-10
-
dB
ESD
Note : Based on EIAJ ED-4701 C-111A(C=100pF, R=1.5kW)
Recommend
<=3
-45 to +85
Item
Symbol
Test Conditions
Rating
4
-3
-65 to +175
VDD=3V
f=30GHz
ZL=ZS=50ohm
Limits
Class 0
~ 199V


Similar Part No. - FMM5709X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FMM5709VZ ETC1-FMM5709VZ Datasheet
207Kb / 12P
K/ Ka Band Low Noise Amplifier MMIC
More results

Similar Description - FMM5709X

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1307 TRIQUINT-TGA1307 Datasheet
736Kb / 7P
Ka Band Low Noise Amplifier
logo
List of Unclassifed Man...
FMM5709VZ ETC1-FMM5709VZ Datasheet
207Kb / 12P
K/ Ka Band Low Noise Amplifier MMIC
logo
TriQuint Semiconductor
TGA1307-EPU TRIQUINT-TGA1307-EPU Datasheet
745Kb / 7P
Ka Band Low Noise Amplifier
TGA4506 TRIQUINT-TGA4506 Datasheet
124Kb / 9P
K Band Low Noise Amplifier
TGA4507-EPU TRIQUINT-TGA4507-EPU Datasheet
200Kb / 9P
Ka Band Low Noise Amplifier
TGA4508 TRIQUINT-TGA4508 Datasheet
183Kb / 10P
Ka Band Low Noise Amplifier
logo
Eudyna Devices Inc
ESM5804YD EUDYNA-ESM5804YD Datasheet
240Kb / 13P
K,Ka-Band Power Amplifier MMIC
FMM5703VZ EUDYNA-FMM5703VZ Datasheet
208Kb / 12P
K / Ka Band Low Noise Amplifier MMIC
FMM5804VY EUDYNA-FMM5804VY Datasheet
285Kb / 14P
K / Ka Band Power Amplifier MMIC
logo
TriQuint Semiconductor
TGA4506 TRIQUINT-TGA4506_15 Datasheet
663Kb / 10P
K Band Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com