Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMM5709X Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # FMM5709X
Description  K/Ka Band Low Noise Amplifier MMIC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FMM5709X Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  FMM5709X Datasheet HTML 1Page - List of Unclassifed Manufacturers FMM5709X Datasheet HTML 2Page - List of Unclassifed Manufacturers FMM5709X Datasheet HTML 3Page - List of Unclassifed Manufacturers FMM5709X Datasheet HTML 4Page - List of Unclassifed Manufacturers FMM5709X Datasheet HTML 5Page - List of Unclassifed Manufacturers FMM5709X Datasheet HTML 6Page - List of Unclassifed Manufacturers FMM5709X Datasheet HTML 7Page - List of Unclassifed Manufacturers FMM5709X Datasheet HTML 8Page - List of Unclassifed Manufacturers FMM5709X Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
1.E+08
1.E+09
60
80
100
120
140
160
180
200
220
240
260
280
Channel Temperature (deg-C)
Ea=1.02eV
Channel Temperature (OC)
5
K / Ka Band Low Noise Amplifier MMIC
FMM5709X
Unit
∆∆∆∆Tch
oC
18
VDD=3V, IDD=60mA
THERMAL INFORMATION (REFERENCE DATA)
MTTF vs Tch



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com