Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMM5709X Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # FMM5709X
Description  K/Ka Band Low Noise Amplifier MMIC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FMM5709X Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  FMM5709X Datasheet HTML 1Page - List of Unclassifed Manufacturers FMM5709X Datasheet HTML 2Page - List of Unclassifed Manufacturers FMM5709X Datasheet HTML 3Page - List of Unclassifed Manufacturers FMM5709X Datasheet HTML 4Page - List of Unclassifed Manufacturers FMM5709X Datasheet HTML 5Page - List of Unclassifed Manufacturers FMM5709X Datasheet HTML 6Page - List of Unclassifed Manufacturers FMM5709X Datasheet HTML 7Page - List of Unclassifed Manufacturers FMM5709X Datasheet HTML 8Page - List of Unclassifed Manufacturers FMM5709X Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
■
■
■
■DIE ATTACH
1) The die-attach station must have accurate temperature control, and an inert forming gas should
be used.
2)Chips should be kept at room temperature except during die-attach.
3) Place package or carrier on the heated stage.
4) Lightly grasp the chip edges by the longer side using tweezers.
Die attach conditions
Stage Temperature : 300 to 310 deg.C
Time : less than 15 seconds
AuSn Perform Volume : per next Figure
■
■
■
■ WIRE BONDING
The bonding equipment must be properly grounded. The following or equivalent equipment, tools,
materials, and conditions are recommended.
1) Bonding Equipment and Bonding Tool.
Bonding Equipment : West Bond Model 7400 (Manual Bonder)
Bonding Tool : CCOD-1/16-S-437-60-F-2010-MP (Deweyl)
2) Bonding Wire
Material : Hard or Half hard gold
Diameter : 0.7 to 1.0 mil
3) Bonding Conditions
Method : Thermal Compression Bonding with Ultrasonic Power
Tool Force : 0.196 N +/- 0.0196 N
Stage Temperature : 215 deg.C +/- 5 deg.C
Tool Heater : None
Ultrasonic Power Transmitter : West Bond Model 1400
Duration : 150 mS/Bond
0
100
200
300
400
500
012
345
Area of Chip Back Surface (mm^2)
FMM5709X
K / Ka Band Low Noise Amplifier MMIC
8
FMM5709X



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com