Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMM5709X Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FMM5709X
Description  K/Ka Band Low Noise Amplifier MMIC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FMM5709X Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FMM5709X Datasheet HTML 1Page - List of Unclassifed Manufacturers FMM5709X Datasheet HTML 2Page - List of Unclassifed Manufacturers FMM5709X Datasheet HTML 3Page - List of Unclassifed Manufacturers FMM5709X Datasheet HTML 4Page - List of Unclassifed Manufacturers FMM5709X Datasheet HTML 5Page - List of Unclassifed Manufacturers FMM5709X Datasheet HTML 6Page - List of Unclassifed Manufacturers FMM5709X Datasheet HTML 7Page - List of Unclassifed Manufacturers FMM5709X Datasheet HTML 8Page - List of Unclassifed Manufacturers FMM5709X Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
K / Ka Band Low Noise Amplifier MMIC
FMM5709X
IMD PERFORMANCE
vs. TOTAL OUTPUT POWER
VDD=3V,
∆∆∆∆f=+10MHz
SMALL SIGNAL GAIN vs. FREQUENCY
VDD=3V
INPUT/OUTPUT RETURN LOSS
vs. FREQUENCY
VDD=3V
-70
-60
-50
-40
-30
-20
-10
0
-2
0
2
4
6
8
10
12 14
16
2-Tone Total Output Power [dBm]
18GHz
22GHz
26GHz
30GHz
32GHz
IM3
IM5
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
0
5
10
15
20
25
30
35
40
Frequency [GHz]
-30
-25
-20
-15
-10
-5
0
5
10
0
5
10
15
20
25
30
35
40
Frequency [GHz]
Input
Output



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com