Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48FVB0X Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP48FVB0X
Description  8-/10-/12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with SPI Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FVB0X Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP48FVB0X Datasheet HTML 27Page - Microchip Technology MCP48FVB0X Datasheet HTML 28Page - Microchip Technology MCP48FVB0X Datasheet HTML 29Page - Microchip Technology MCP48FVB0X Datasheet HTML 30Page - Microchip Technology MCP48FVB0X Datasheet HTML 31Page - Microchip Technology MCP48FVB0X Datasheet HTML 32Page - Microchip Technology MCP48FVB0X Datasheet HTML 33Page - Microchip Technology MCP48FVB0X Datasheet HTML 34Page - Microchip Technology MCP48FVB0X Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 84 page
background image
 2015 Microchip Technology Inc.
DS20005466A-page 31
MCP48FVBXX
4.2
Device Memory
User memory includes two types of memory:
• Volatile Register Memory (RAM)
• Device Configuration Memory
Each memory address is 16 bits wide.The memory
mapped register space is shown in Table 4-1. (see
Section 4.2.2, “Device Configuration Memory”
).
4.2.1
VOLATILE REGISTER MEMORY
(RAM)
There are up to five volatile memory locations:
• DAC0 and DAC1 Output Value Registers
•VREF Select Register
• Power-Down Configuration Register
• Gain and Status Register
The volatile memory starts functioning when the
device VDD is at (or above) the RAM retention voltage
(VRAM). The volatile memory will be loaded with the
default device values when the VDD rises across the
VPOR/VBOR voltage trip point.
TABLE 4-1:
MEMORY MAP (X16)
Function
Function
00h
Volatile DAC0 Register
10h
Reserved (1, 2)
01h
Volatile DAC1 Register
11h
Reserved (1, 2)
02h
Reserved (1)
12h
Reserved (1, 2)
03h
Reserved (1)
13h
Reserved (1, 2)
04h
Reserved (1)
14h
Reserved (1, 2)
05h
Reserved (1)
15h
Reserved (1, 2)
06h
Reserved (1)
16h
Reserved (1, 2)
07h
Reserved (1)
17h
Reserved (1, 2)
08h
VREF Register
18h
Reserved (1, 2)
09h
Power-Down Register
19h
Reserved (1, 2)
0Ah
Gain and Status Register
1Ah
Reserved (1, 2)
0Bh
Reserved (1)
1Bh
Reserved (1, 2)
0Ch
Reserved (1)
1Ch
Reserved (1, 2)
0Dh
Reserved (1)
1Dh
Reserved (1, 2)
0Eh
Reserved (1)
1Eh
Reserved (1, 2)
0Fh
Reserved (1)
1Fh
Reserved (1, 2)
Volatile Memory address range
Nonvolatile Memory address range
Note 1:
Reading a reserved memory location will result in the SPI command Command Error condition. The SDO
pin will output all ‘0’s. Forcing the CS pin to the VIH state will reset the SPI interface.
2:
Nonvolatile memory address range is shown to reflect memory map compatibility with the MCP48FEBXX
family of devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com