Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48FVB0X Datasheet(PDF) 50 Page - Microchip Technology

Part # MCP48FVB0X
Description  8-/10-/12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with SPI Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FVB0X Datasheet(HTML) 50 Page - Microchip Technology

Back Button MCP48FVB0X Datasheet HTML 46Page - Microchip Technology MCP48FVB0X Datasheet HTML 47Page - Microchip Technology MCP48FVB0X Datasheet HTML 48Page - Microchip Technology MCP48FVB0X Datasheet HTML 49Page - Microchip Technology MCP48FVB0X Datasheet HTML 50Page - Microchip Technology MCP48FVB0X Datasheet HTML 51Page - Microchip Technology MCP48FVB0X Datasheet HTML 52Page - Microchip Technology MCP48FVB0X Datasheet HTML 53Page - Microchip Technology MCP48FVB0X Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 84 page
background image
MCP48FVBXX
DS20005466A-page 50
 2015 Microchip Technology Inc.
6.5
Interface Pins (CS, SCK, SDI, SDO,
and LAT/HVC)
The operation of the five interface pins is discussed in
this section. These pins are:
• SDI (Serial Data In)
• SDO (Serial Data Out)
• SCK (Serial Clock)
•CS (Chip Select)
•LAT/HVC (High Voltage command)
The serial interface works on a 24-bit boundary. The
Chip Select (CS) pin frames the SPI commands.
6.5.1
SERIAL DATA IN (SDI)
The Serial Data In (SDI) signal is the data signal into
the device. The value on this pin is latched on the
rising edge of the SCK signal.
6.5.2
SERIAL DATA OUT (SDO)
The Serial Data Out (SDO) signal is the data signal out
of the device. The value on this pin is driven on the
falling edge of the SCK signal.
Once the CS pin is forced to the active level (VIL), the
SDO pin will be driven. The state of the SDO pin is
determined by the serial bit’s position in the command,
the command selected, and if there is a command
error state (CMDERR).
6.5.3
SERIAL CLOCK (SCK)
(SPI FREQUENCY OF OPERATION)
The SPI interface is specified to operate up to 20 MHz.
The actual clock rate depends on the configuration of
the system and the serial command used. Table 6-1
shows the SCK frequency for different configurations.
TABLE 6-1:
SCK FREQUENCY
6.5.4
THE CS SIGNAL
The Chip Select (CS) signal is used to select the
device and frame a command sequence. To start a
command, or sequence of commands, the CS signal
must transition from the inactive state (VIH) to the
active state (VIL).
After the CS signal has gone active, the SDO pin is
driven and the clock bit counter is reset.
If an error condition occurs for an SPI command, then
the command byte’s Command Error (CMDERR) bit
(on the SDO pin) will be driven low (VIL). To exit the
error condition, the user must take the CS pin to the
VIH level.
When the CS pin returns to the inactive state (VIH), the
SPI module resets (including the address pointer).
While the CS pin is in the inactive state (VIH), the serial
interface is ignored. This allows the Host Controller to
interface to other SPI devices using the same SDI,
SDO, and SCK signals.
6.5.5
THE HVC SIGNAL
The HVC pin is compatible with High Voltage com-
mands levels (used with MCP48FEBXX devices).
6.6
The SPI Modes
The SPI module supports two (of the four) standard SPI
modes. These are Mode 0,0 and 1,1. The SPI mode is
determined by the state of the SCK pin (VIH or VIL)
when the CS pin transitions from inactive (VIH) to active
(VIL).
6.6.1
MODE 0,0
In Mode 0,0:
• SCK idle state = low (VIL)
• Data is clocked in on the SDI pin on the rising
edge of SCK
• Data is clocked out on the SDO pin on the falling
edge of SCK
6.6.2
MODE 1,1
In Mode 1,1:
• SCK idle state = high (VIH)
• Data is clocked in on the SDI pin on the rising
edge of SCK
• Data is clocked out on the SDO pin on the falling
edge of SCK
Memory Type Access
Command
Read
Write
Volatile
Memory
SDI, SDO
10 MHz
20 MHz (1)
Note 1:
Write interface speed is faster than read
interface speed due to read access
times.
Note:
There is a required delay after the CS pin
goes active to the 1st edge of the SCK pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com