Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48FVB0X Datasheet(PDF) 81 Page - Microchip Technology

Part # MCP48FVB0X
Description  8-/10-/12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with SPI Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FVB0X Datasheet(HTML) 81 Page - Microchip Technology

Back Button MCP48FVB0X Datasheet HTML 76Page - Microchip Technology MCP48FVB0X Datasheet HTML 77Page - Microchip Technology MCP48FVB0X Datasheet HTML 78Page - Microchip Technology MCP48FVB0X Datasheet HTML 79Page - Microchip Technology MCP48FVB0X Datasheet HTML 80Page - Microchip Technology MCP48FVB0X Datasheet HTML 81Page - Microchip Technology MCP48FVB0X Datasheet HTML 82Page - Microchip Technology MCP48FVB0X Datasheet HTML 83Page - Microchip Technology MCP48FVB0X Datasheet HTML 84Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 81 / 84 page
background image
 2015 Microchip Technology Inc.
DS20005466A-page 81
MCP48FVBXX
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP48FVB01: Single-Channel 8-Bit Volatile DAC
with External + Internal References
MCP48FVB02: Dual-Channel 8-Bit Volatile DAC
with External + Internal References
MCP48FVB11: Single-Channel 10-Bit Volatile DAC
with External + Internal References
MCP48FVB12: Dual-Channel 10-Bit Volatile DAC
with External + Internal References
MCP48FVB21: Single-Channel 12-Bit Volatile DAC
with External + Internal References
MCP48FVB22: Dual-Channel 12-Bit Volatile DAC
with External + Internal References
Tape and Reel:
T
=
Tape and Reel (1)
Blank
=
Tube
Temperature
Range:
E
=
-40°C to +125°C (Extended)
Package:
UN =
Plastic Micro Small Outline (MSOP),
10-Lead
Examples:
a) MCP48FVB01-E/UN:
8-bit VOUT resolution, Single
channel,
Tube,
Extended
temperature, 10-lead MSOP
package
b) MCP48FVB01T-E/UN:
8-bit VOUT resolution, Single
channel,
Tape
and
Reel,
Extended temperature,
10-lead MSOP Package
a) MCP48FVB11-E/UN:
10-bit VOUT resolution, Single
channel,
Tube,
Extended
temperature,
10-lead MSOP
package
b) MCP48FVB11T-E/UN:
10-bit VOUT resolution, Single
channel,
Tape
and
Reel,
Extended temperature,
10-lead MSOP package
a) MCP48FVB21-E/UN:
12-bit VOUT resolution, Single
channel,
Tube,
Extended
temperature,
10-lead MSOP
package
b) MCP48FVB21T-E/UN:
12-bit VOUT resolution, Single
channel,
Tape
and
Reel,
Extended temperature,
10-lead MSOP package
a) MCP48FVB22-E/UN:
12-bit VOUT resolution, Dual
channel,
Tube,
Extended
temperature,
10-lead MSOP
package
b) MCP48FVB22T-E/UN:
12-bit VOUT resolution, Dual
channel,
Tape
and
Reel,
Extended temperature,
10-lead MSOP package
PART NO.
X
Temperature
Range
Device
/XX
Package
X (1)
Tape and
Reel
Note
1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier
is used for ordering purposes and is not
printed on the device package. Check with
your Microchip sales office for package
availability for the Tape and Reel option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com