Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48FVB0X Datasheet(PDF) 54 Page - Microchip Technology

Part # MCP48FVB0X
Description  8-/10-/12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with SPI Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FVB0X Datasheet(HTML) 54 Page - Microchip Technology

Back Button MCP48FVB0X Datasheet HTML 50Page - Microchip Technology MCP48FVB0X Datasheet HTML 51Page - Microchip Technology MCP48FVB0X Datasheet HTML 52Page - Microchip Technology MCP48FVB0X Datasheet HTML 53Page - Microchip Technology MCP48FVB0X Datasheet HTML 54Page - Microchip Technology MCP48FVB0X Datasheet HTML 55Page - Microchip Technology MCP48FVB0X Datasheet HTML 56Page - Microchip Technology MCP48FVB0X Datasheet HTML 57Page - Microchip Technology MCP48FVB0X Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 84 page
background image
MCP48FVBXX
DS20005466A-page 54
 2015 Microchip Technology Inc.
7.1
Write Command
Write commands are used to transfer data to the
desired memory location (from the Host controller).
Write commands can be structured as either Single or
Continuous.
The format of the command is shown in Figures 7-2
(Single) and 7-3 (Continuous).
A write command to a volatile memory location
changes that location after a properly formatted write
command has been received.
7.1.1
SINGLE WRITE TO VOLATILE
MEMORY
The write operation requires that the CS pin be in the
active state (VIL). Typically, the CS pin will be in the
inactive state (VIH) and is driven to the active state
(VIL). The 24-bit Write command (Command Byte
and Data Bytes) is then clocked in on the SCK and
SDI pins. Once all 24 bits have been received, the
specified volatile address is updated. A write will not
occur if the Write command is not exactly 24 clock
pulses. This protects against system issues corrupting
the volatile memory locations.
Figures 7-4 and 7-5 show the waveforms for a single
write (depending on SPI mode).
7.1.2
CONTINUOUS WRITES TO
VOLATILE MEMORY
A continuous write mode of operation is possible when
writing to the device’s volatile memory registers (see
Table 7-3). Figure 7-3 shows the sequence for three
continuous writes. The writes do not need to be to the
same volatile memory address.
FIGURE 7-2:
Write Command - SDI and SDO States.
Note 1:
During device communication, if the
Device Address/Command combination
is invalid or an unimplemented Device
Address
is
specified,
then
the
MCP48FVBXX will generate a Command
Error state. To reset the SPI state
machine, the CS pin must transition to
the inactive state (VIH).
TABLE 7-3:
VOLATILE MEMORY
ADDRESSES
Address
Single-Channel
Dual-Channel
00h
Yes
Yes
01h
No
Yes
08h
Yes
Yes
09h
Yes
Yes
0Ah
Yes
Yes
A
D
4
A
D
3
A
D
2
A
D
1
A
D
0
00 C
M
D
E
R
R
D
1
5
D
1
4
D
1
3
D
1
2
D
1
1
D
1
0
D
0
9
D
0
8
D
0
7
D
0
6
D
0
5
D
0
4
D
0
3
D
0
2
D
0
1
D
0
0
111111111111111111111111 Valid (1)
1111111
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0Invalid (2, 3)
Address
Data bits (8, 10, or 12 bits)
SDI
SDO
Command
Note 1:
If a valid Address/Command occurs, then the data bits are dependent on the resolution of the device.
12-bit = D11:D00, 10-bit = D09:D00, and 8-bit = D07:D00. Data is right justified for ease of Host Controller
operation (i.e., no data manipulation before transmitting the desired value).
2:
Unimplemented data bits (D15:D12 on 12-bit device, D15:D10 on 10-bit device, D15:D08 on 8-bit device)
will be output as ‘1’.
3:
If an Error condition occurs (CMDERR = L), all following SDO bits will be low until the CMDERR condition
is cleared (the CS pin is forced to the inactive state).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com