Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48FVB0X Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP48FVB0X
Description  8-/10-/12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with SPI Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FVB0X Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP48FVB0X Datasheet HTML 3Page - Microchip Technology MCP48FVB0X Datasheet HTML 4Page - Microchip Technology MCP48FVB0X Datasheet HTML 5Page - Microchip Technology MCP48FVB0X Datasheet HTML 6Page - Microchip Technology MCP48FVB0X Datasheet HTML 7Page - Microchip Technology MCP48FVB0X Datasheet HTML 8Page - Microchip Technology MCP48FVB0X Datasheet HTML 9Page - Microchip Technology MCP48FVB0X Datasheet HTML 10Page - Microchip Technology MCP48FVB0X Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 84 page
background image
 2015 Microchip Technology Inc.
DS20005466A-page 7
MCP48FVBXX
DC CHARACTERISTICS (CONTINUED)
DC
Characteristics
Standard Operating Conditions (unless otherwise specified):
Operating Temperature: -40°C
 TA  +125°C (Extended)
Unless otherwise noted, all parameters apply across these specified operating ranges:
VDD = +2.7V to 5.5V, VREF = +2.048V to VDD, VSS = 0V
Gx = ‘0’, RL = 5 k from VOUT to VSS, CL = 100 pF
Typical specifications represent values for VDD = 5.5V, TA = +25°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Supply Current
IDD
—
—
320
µA
Single 1MHz (2)
Serial Interface Active
(Not High-Voltage Command)
VRxB:VRxA = ‘01’ (6)
VOUT is unloaded, VDD = 5.5V
Volatile DAC Register = 000h
—
—
910
µA
10 MHz (2)
—
—
1.7
mA
20 MHz
—
—
510
µA
Dual
1 MHz (2)
——
1.1
mA
10 MHz (2)
—
—
1.85
mA
20 MHz
—
—
250
µA
Single 1 MHz (2)
Serial Interface Active
(Not High-Voltage Command)
VRxB:VRxA = ‘10’ (4)
VOUT is unloaded.
VREF = VDD = 5.5V
Volatile DAC Register = 000h
—
—
840
µA
10 MHz (2)
——
1.65
mA
20 MHz (2)
—
—
380
µA
Dual
1 MHz (2)
—
—
970
µA
10 MHz (2)
——
1.75
mA
20 MHz (2)
—
—
180
µA
Single Serial Interface Inactive (2)
(Not High-Voltage Command)
VRxB:VRxA = ‘00’
SCK = SDI = VSS
VOUT is unloaded.
Volatile DAC Register = 000h
—
—
380
µA
Dual
—
—
180
µA
Single Serial Interface Inactive (2)
(Not High-Voltage Command)
VRxB:VRxA = ‘11’, VREF = VDD
SCK = SDI = VSS
VOUT is unloaded.
Volatile DAC Register = 000h
—
—
380
µA
Dual
—
145
180
µA
Single HVC = 12.5V (High-Voltage Command)
Serial Interface Inactive
VREF = VDD = 5.5V, LAT/HVC = VIHH
DAC registers = 000h
VOUT pins are unloaded
—
260
400
µA
Dual
Power-Down
Current
IDDP
—0.65
3.8
µA
PDxB:PDxA = ‘01’ (5)
VOUT not connected
Note 2
This parameter is ensured by characterization.
Note 4
Supply current is independent of current through the resistor ladder in mode VRxB:VRxA = ‘10’.
Note 5
The PDxB:PDxA = ‘01’, ‘10’, and ‘11’ configurations should have the same current.
Note 6
By design, this is the worst-case current mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com