Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48FVB0X Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP48FVB0X
Description  8-/10-/12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with SPI Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FVB0X Datasheet(HTML) 4 Page - Microchip Technology

  MCP48FVB0X Datasheet HTML 1Page - Microchip Technology MCP48FVB0X Datasheet HTML 2Page - Microchip Technology MCP48FVB0X Datasheet HTML 3Page - Microchip Technology MCP48FVB0X Datasheet HTML 4Page - Microchip Technology MCP48FVB0X Datasheet HTML 5Page - Microchip Technology MCP48FVB0X Datasheet HTML 6Page - Microchip Technology MCP48FVB0X Datasheet HTML 7Page - Microchip Technology MCP48FVB0X Datasheet HTML 8Page - Microchip Technology MCP48FVB0X Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 84 page
background image
MCP48FVBXX
DS20005466A-page 4
 2015 Microchip Technology Inc.
Device Features
Device
# of
VREF
Inputs
Internal
band
gap ?
# of
LAT
Inputs
Memory
Specified
Operating Range
(VDD)
(2)
MCP48FVB01
1
8
SPI
7Fh
1
Yes
1
RAM
1.8V to 5.5V
MCP48FVB11
1
10
SPI
1FFh
1
Yes
1
RAM
1.8V to 5.5V
MCP48FVB21
1
12
SPI
7FFh
1
Yes
1
RAM
1.8V to 5.5V
MCP48FVB02
2
8
SPI
7Fh
1
Yes
1
RAM
1.8V to 5.5V
MCP48FVB12
2
10
SPI
1FFh
1
Yes
1
RAM
1.8V to 5.5V
MCP48FVB22
2
12
SPI
7FFh
1
Yes
1
RAM
1.8V to 5.5V
MCP48FEB01
1
8
SPI
7Fh
1
Yes
1
EEPROM
1.8V to 5.5V
MCP48FEB11
1
10
SPI
1FFh
1
Yes
1
EEPROM
1.8V to 5.5V
MCP48FEB21
1
12
SPI
7FFh
1
Yes
1
EEPROM
1.8V to 5.5V
MCP48FEB02
2
8
SPI
7Fh
1
Yes
1
EEPROM
1.8V to 5.5V
MCP48FEB12
2
10
SPI
1FFh
1
Yes
1
EEPROM
1.8V to 5.5V
MCP48FEB22
2
12
SPI
7FFh
1
Yes
1
EEPROM
1.8V to 5.5V
MCP47FVB01
1
8
I2C
7Fh
1
Yes
1
RAM
1.8V to 5.5V
MCP47FVB11
1
10
I2C
1FFh
1
Yes
1
RAM
1.8V to 5.5V
MCP47FVB21
1
12
I2C
7FFh
1
Yes
1
RAM
1.8V to 5.5V
MCP47FVB02
2
8
I2C
7Fh
1
Yes
1
RAM
1.8V to 5.5V
MCP47FVB12
2
10
I2C
1FFh
1
Yes
1
RAM
1.8V to 5.5V
MCP47FVB22
2
12
I2C
7FFh
1
Yes
1
RAM
1.8V to 5.5V
MCP47FEB01
1
8
I2C
7Fh
1
Yes
1
EEPROM
1.8V to 5.5V
MCP47FEB11
1
10
I2C
1FFh
1
Yes
1
EEPROM
1.8V to 5.5V
MCP47FEB21
1
12
I2C
7FFh
1
Yes
1
EEPROM
1.8V to 5.5V
MCP47FEB02
2
8
I2C
7Fh
1
Yes
1
EEPROM
1.8V to 5.5V
MCP47FEB12
2
10
I2C
1FFh
1
Yes
1
EEPROM
1.8V to 5.5V
MCP47FEB22
2
12
I2C
7FFh
1
Yes
1
EEPROM
1.8V to 5.5V
Note 1:
Factory Default value. The DAC output POR/BOR value can be modified via the nonvolatile DAC output
register(s) (available only on nonvolatile devices (MCP4XFEBXX)).
2:
Analog output performance specified from 2.7V to 5.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com