Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3565RT-E/SFX Datasheet(PDF) 41 Page - Microchip Technology

Part # MCP3565RT-E/SFX
Description  Two-Channel, 153.6 ksps, Low Noise 24-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3565RT-E/SFX Datasheet(HTML) 41 Page - Microchip Technology

Back Button MCP3565RT-E/SFX Datasheet HTML 37Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 38Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 39Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 40Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 41Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 42Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 43Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 44Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 108 page
background image
2020-2021 Microchip Technology Inc.
DS20006401C-page 41
MCP3565R
FIGURE 5-3:
MDAT Serial Outputs
Depending on the Modulator Output Code.
5.4.3
BOOST MODES
The Delta-Sigma modulator includes a programmable
biasing circuit in order to further adjust the power
consumption to the sampling speed applied through
the MCLK. This can be programmed through the
BOOST[1:0] bits in the CONFIG2 register. The
different BOOST settings are applied to the entire
modulator circuit, including the voltage reference
buffers. The settings of the BOOST[1:0] bits are
described in Table 5-5.
The maximum achievable Analog Master Clock
(AMCLK) speed, the maximum sampling frequency
(DMCLK) and the maximum achievable data rate
(DRCLK) are highly dependent on the BOOST[1:0] and
GAIN[2:0] bits setting. A higher BOOST setting allows
the circuit’s bandwidth to be increased and allows a
higher analog master clock rate, which will then
increase the baseband of the input signals to be
converted. The digital gain (which is enabled at 32x
and 64x gains) has no influence on the achievable
bandwidth.
A typical dependency of the bandwidth depending on
the gain for each BOOST setting combination is shown
from Figure 2-35 to Figure 2-38. Typically, a larger gain
setting requires a higher BOOST setting in order to
achieve the same bandwidth performance.
Figure 2-43 shows the behavior of the achievable
bandwidth at BOOST = 1x with AVDD corner cases.
Since the BOOST settings vary, the internal slew rate
of the modulator components, using a lower VREF
value, will improve the bandwidth if low BOOST
settings are used and show a bandwidth behavior that
is too limited.
5.5
Digital Decimation Filter
The decimation filter decimates the output bit stream of
the modulator to produce 24-bit ADC output data. The
decimation filter present in the device is a cascade of
two filters: a third-order sinc filter with a decimation
ratio of OSR3 (third order moving an average of
3 x OSR3 values), followed by a first-order sinc filter
with a decimation ratio of OSR1, moving an average of
OSR values (third order moving average of 3 x OSR3
values).
Figure 5-4 represents the decimation filter architecture.
FIGURE 5-4:
Decimation Filter Block
Diagram.
Equation 5-3 is the transfer function of the decimation
filter:
EQUATION 5-3:
FILTER TRANSFER
FUNCTION
TABLE 5-5:
BOOST SETTINGS
DESCRIPTION
BOOST[1:0]
Bias Current
00
x0.5
01
x0.66
10
x1 (default)
11
x2
AMCLK
tDOMDAT
MDAT
(code = +2)
MDAT
(code = +1)
MDAT
(code = 0)
MDAT
(code = -1)
MDAT
(code = -2)
COMP[3]
COMP[2]
COMP[1]
COMP[0]
tDOMDAT tDOMDAT tDOMDAT tDOMDAT
Modulator
Output
(Thermometer
Coding)
SINC
3
SINC
1
Decimation
Filter
Output
OSR3
OSR1
4
ADC
Resolution
Decimation Filter
OSR1 = 1
H z
 
1 z
-OSR3
–
 3
OSR3 1 z 1
–
–
3
--------------------------------------------
1 z
-OSR1 OSR3
–
OSR1 1 z
OSR3
–
–
------------------------------------------------------
=
Where:
z
2fj
DMCLK
----------------------
exp
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com