Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3565RT-E/SFX Datasheet(PDF) 47 Page - Microchip Technology

Part # MCP3565RT-E/SFX
Description  Two-Channel, 153.6 ksps, Low Noise 24-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3565RT-E/SFX Datasheet(HTML) 47 Page - Microchip Technology

Back Button MCP3565RT-E/SFX Datasheet HTML 43Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 44Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 45Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 46Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 47Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 48Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 49Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 50Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 108 page
background image
2020-2021 Microchip Technology Inc.
DS20006401C-page 47
MCP3565R
5.7
Internal/External Voltage
Reference
5.7.1
VOLTAGE REFERENCE
SELECTION
The voltage reference selection for the ADC is
controlled by the VREF_SEL bit in the CONFIG0
register, as shown in Table 5-9.
The REFIN- pin is set as an input, directly connected to
the VREF- input of the ADC. For a better noise
immunity, it is recommended to connect this pin to
AGND externally when a single-ended voltage
reference is used. Figure 6-10 shows more details of
the reference selection and reference pins connec-
tions.
FIGURE 5-9:
Voltage Reference Selection Schematic.
TABLE 5-9:
ADC VOLTAGE REFERENCE SELECTION
VREF_SEL
Description
Reference Input/Output Pins
REFIN- Pin
REFIN+/OUT Pin
0
External reference selected.
Internal reference buffer is
shut down.
Internal reference is only
generating the internal 1.2V
Common-mode voltage for the
ADC.
VREF- Input
VREF+ Input
1
Internal reference selected with
2.4V buffered output.
VREF- Input
(should be tied to AGND)
Internal reference with 2.4V
buffered output
REFIN+/OUT
PAD
REFIN-
PAD
1.2V
+
VCM Buffer
ADC VREF-
Input
-
+
-
Chopped at DMCLK rate if AZ_VREF=1
VREF_SEL=0 Off
VREF_SEL=1 On
ADC VREF+
Input
ADC Internal
VCM Voltage
+
-
1x
Internal
Bandgap
Voltage
VREF_SEL
VREF Buffer
2x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com