Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3565RT-E/SFX Datasheet(PDF) 45 Page - Microchip Technology

Part # MCP3565RT-E/SFX
Description  Two-Channel, 153.6 ksps, Low Noise 24-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3565RT-E/SFX Datasheet(HTML) 45 Page - Microchip Technology

Back Button MCP3565RT-E/SFX Datasheet HTML 41Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 42Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 43Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 44Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 45Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 46Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 47Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 48Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 108 page
background image
2020-2021 Microchip Technology Inc.
DS20006401C-page 45
MCP3565R
5.6
ADC Output Data Format
The ADC Output Data (ADCDATA) register is located at
the address: 0x0. The default length of the register is
24-bit (23-bit + sign).
Output data are calculated in the digital decimation
filter with a much larger resolution and rounded to the
closest LSb value.
The rounding ensures a maximum 1/2 LSb error
instead of a simple truncation that ensures a 1 LSb
maximum error.
Equation 5-5 calculates the ADC output code as a
function of the input and reference signals for DC
inputs.
For AC sine wave inputs, the decimation filter transfer
function (see Equation 5-3) induces an additional gain
on the ADC output code, which depends on the input
frequency (roll-off of the decimation filter).
For any inputs, the VIN+/VIN- voltages are averaged out
during the whole conversion time as the ADC is an
oversampling converter.
ADC output format is set by the DATA_FORMAT[1:0]
bits in the CONFIG3 register. These bits define four
different possible formats for the ADC Data Output
register: three 32-bit formats and one 24-bit format for
the MCP3565R.
Figure 5-8 describes all possible data formats.
When DATA_FORMAT[1:0] = 0x, the ADC data are
represented on 24 bits (23-bit plus sign). The ADC
output code is represented with MSb first signed two’s
complement coding. With these two data formats, the
coding does not allow overrange; the equivalent analog
input range is [-VREF; +VREF – 1 LSb]. When
VIN * Gain > VREF – 1 LSb, the 24-bit ADC code
(SGN+DATA[22:0]) will saturate and be locked at
0x7FFFFF. When VIN * Gain < -VREF, the 24-bit ADC
code will saturate and be locked at 0x800000. Using
these data formats does not permit correctly evaluating
full-scale errors in case of a positive full-scale error.
When DATA_FORMAT[1:0] = 00, the output register
shows
only
the
24-bit
value.
When
DATA_FORMAT[1:0] = 01, the output register is 32 bits
long and the output code is padded with additional
zeros on the last byte. The output code is left justified
in this case. This format is useful for 32-bit MCU
applications.
EQUATION 5-5:
ADC OUTPUT CODE FOR DC INPUT (DATA_FORMAT[1:0] =
00)
FIGURE 5-8:
ADC Output Format Selection.
ADC_OUTPUT(LSb)
VIN+ VIN-
–
VREF+ VREF-
–
-----------------------------------------
8,388,608 GAIN
=
CH_ID[3:0]
DATA[23:0]
SGN ext (4-bit)
DATA[23:0]
SGN ext (8-bit)
SGN + DATA[22:0]
SGN+ DATA[22:0]
0x00
00
01
11
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com