Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3565RT-E/SFX Datasheet(PDF) 72 Page - Microchip Technology

Part # MCP3565RT-E/SFX
Description  Two-Channel, 153.6 ksps, Low Noise 24-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3565RT-E/SFX Datasheet(HTML) 72 Page - Microchip Technology

Back Button MCP3565RT-E/SFX Datasheet HTML 68Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 69Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 70Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 71Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 72Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 73Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 74Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 75Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 108 page
background image
MCP3565R
DS20006401C-page 72
2020-2021 Microchip Technology Inc.
If the COMMAND byte defines a static read of the
ADCDATA register (address: 0x0), the ADC data will be
present on SDO and will be updated continuously at
each read. In this case, when a data ready interrupt
occurs within a read, the data are not corrupted and will
be updated to a new value after the old value has been
completely read. The ADC register contains a double
buffer that prevents data from being corrupted while
reading them. The part is able to stream output data
continuously with no additional command if the com-
munication is not stopped with a CS rising edge.
Figure 6-9 represents the continuous streaming of
incoming ADCDATA through the SPI port with both SPI
Modes 0,0 and 1,1.
For continuous reading of ADCDATA in SPI Mode 0,0,
once the data have been completely read after a Data
Ready Event, the SDO pin takes the MSb value of the
previous data at the end of the reading (falling edge of
the last SCK clock). If SCK stays Idle at logic low (by
definition of Mode 0,0), the SDO pin is updated at the
falling edge of the next Data Ready Event with the new
MSb of the data. This mechanism allows the device to
continuously read ADC data outputs seamlessly, even
in SPI Mode 0,0.
In SPI Mode 1,1, the SDO pin stays in the last state
(LSb of previous data) after a complete reading, which
also allows seamless Continuous Read mode.
The ADC output data can only be properly read after a
tDODR time, after the data ready interrupt comes in the
IRQ register. The tDODR timing is shorter than the time
necessary to input a command on the SDI pin, which
ensures proper reading when a new Read command is
triggered by the data ready interrupt. In case of contin-
uous reading (with CS pin kept logic low), the tDODR
timing must be carefully handled by the MCU, but the
interrupt service time is generally much longer than the
tDODR timing. Retrieving a Data Ready Event by read-
ing the STATUS byte or reading the IRQ register
automatically ensures that the tDODR timing is
respected.
FIGURE 6-9:
Continuous ADC Read (Data Streaming) with SPI Mode 0,0 and 1,1.
Don’t care
SPI mode 0,0; ADC Data Format : 32-bit
Don’t care
SCK
SDI
SDO
CS
DATA0[31]
Hi-Z
Device latches SDI on rising edge
Device latches SDO on falling edge
Don’t care
Hi-Z
Device latches SDI on rising edge
Device latches SDO on falling edge
R/W
Don’t care
SCK
SDI
SDO
CS
Don’t care
SCK
SDI
SDO
CS
Data Ready Event
DATA1[31]
DATA0[31]
SDO changes synchronously with the falling
edge (DR interrupt flag)
only when MSB is present on SDO
DR Interrupt
(DATA1 is ready)
DATA0[0]
SPI mode 1,1; ADC Data Format : 32-bit
Data Ready Event
Read Start
Read Start
Read Start
Read Start
DR Interrupt
(DATA1 is ready)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com