Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3565RT-E/SFX Datasheet(PDF) 92 Page - Microchip Technology

Part # MCP3565RT-E/SFX
Description  Two-Channel, 153.6 ksps, Low Noise 24-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3565RT-E/SFX Datasheet(HTML) 92 Page - Microchip Technology

Back Button MCP3565RT-E/SFX Datasheet HTML 88Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 89Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 90Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 91Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 92Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 93Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 94Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 95Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 96Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 108 page
background image
MCP3565R
DS20006401C-page 92
2020-2021 Microchip Technology Inc.
8.7
MULTIPLEXER (MUX) REGISTER
Name
Bits
Address
Cof
MUX
8
0x6
R/W
REGISTER 8-7:
MUX: MULTIPLEXER REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
MUX_VIN+[3:0](2)
MUX_VIN-[3:0](2)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
Bit 7-4
MUX_VIN+[3:0]: Input Selection(2)
1111 = Internal VCM
1110 = Internal Temperature Sensor Diode M (Temp Diode M)(1)
1101 = Internal Temperature Sensor Diode P (Temp Diode P)(1)
1100 = REFIN-
1011 = REFIN+/OUT
1010 = Reserved (do not use)
1001 = AVDD
1000 = AGND
0111 = Reserved (do not use)
0110 = Reserved (do not use)
0101 = Reserved (do not use)
0100 = Reserved (do not use)
0011 = Reserved (do not use)
0010 = Reserved (do not use)
0001 = CH1
0000 = CH0 (default)
Bit 3-0
MUX_VIN-[3:0]: Input Selection(2)
1111 = Internal VCM
1110 = Internal Temperature Sensor Diode M (Temp Diode M)(1)
1101 = Internal Temperature Sensor Diode P (Temp Diode P)(1)
1100 = REFIN-
1011 = REFIN+/OUT
1010 = Reserved (do not use)
1001 = AVDD
1000 = AGND
0111 = Reserved (do not use)
0110 = Reserved (do not use)
0101 = Reserved (do not use)
0100 = Reserved (do not use)
0011 = Reserved (do not use)
0010 = Reserved (do not use)
0001 = CH1 (default)
0000 = CH0
Note 1: Selects the internal temperature sensor diode and forces a fixed current through it. For a correct
temperature reading, the MUX[7:0] selection should be equal to 0xDE.
2: The codes, ‘1010/0111/0110/0101/0100/0011/0010’, correspond to a floating input and should be
avoided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com