Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3565RT-E/SFX Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP3565RT-E/SFX
Description  Two-Channel, 153.6 ksps, Low Noise 24-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3565RT-E/SFX Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP3565RT-E/SFX Datasheet HTML 9Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 10Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 11Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 12Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 13Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 14Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 15Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 16Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 108 page
background image
2020-2021 Microchip Technology Inc.
DS20006401C-page 13
MCP3565R
2.0
TYPICAL PERFORMANCE CURVES
Note:
Unless otherwise indicated, AVDD = 3.3V; DVDD = 3.3V; TA = +25°C; MCLK = 4.9152 MHz;
VIN = -0.5 dBFS at 50 Hz; VREF = AVDD; ADC_MODE = 11. All other registers are set to the default value.
Histogram ticks are centered at their bin center.
FIGURE 2-1:
FFT Output Spectrum,
fin = 50 Hz (External VREF).
FIGURE 2-2:
FFT Output Spectrum,
fin = 1 kHz (External VREF).
FIGURE 2-3:
FFT Output Spectrum,
fin = 50 Hz (Internal VREF).
FIGURE 2-4:
FFT Output Spectrum,
fin = 1 kHz (Internal VREF).
FIGURE 2-5:
Output Noise Histogram
(External VREF).
FIGURE 2-6:
Output Noise Histogram
(Internal VREF).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) therefore outside the warranted range.
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
0
500
1000
1500
2000
2500
Frequency (Hz)
V
IN = -0.5 dBFS at 50 Hz
FFT 16384 samples
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
0
500
1000
1500
2000
2500
Frequency (Hz)
V
IN = -0.5 dBFS at 1 kHz
FFT 16384 samples
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
0
500
1000
1500
2000
2500
Frequency (Hz)
V
IN = -0.5 dBFS @ 50Hz
FFT 16384 samples
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
0
500
1000
1500
2000
2500
Frequency (Hz)
V
IN = -0.5 dBFS @ 1kHz
FFT 16384 samples
0
1000
2000
3000
4000
5000
6000
ADC Output Code (LSB)
V
IN = 0V
Noise = 8.9 V
RMS
CONV_MODE[1:0] = 11
64000 Samples
Bin Size = 4 LSB
0
500
1000
1500
2000
2500
3000
3500
4000
ADC Output Code (LSB)
V
IN = 0V
Noise = 9.4 V
RMS
64000 samples
Bin size = 4 LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com