Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3464 Datasheet(PDF) 38 Page - Microchip Technology

Part # MCP3464
Description  Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3464 Datasheet(HTML) 38 Page - Microchip Technology

Back Button MCP3464 Datasheet HTML 34Page - Microchip Technology MCP3464 Datasheet HTML 35Page - Microchip Technology MCP3464 Datasheet HTML 36Page - Microchip Technology MCP3464 Datasheet HTML 37Page - Microchip Technology MCP3464 Datasheet HTML 38Page - Microchip Technology MCP3464 Datasheet HTML 39Page - Microchip Technology MCP3464 Datasheet HTML 40Page - Microchip Technology MCP3464 Datasheet HTML 41Page - Microchip Technology MCP3464 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 108 page
background image
MCP3461/2/4
DS20006180D-page 38
 2019-2021 Microchip Technology Inc.
5.5
Digital Decimation Filter
The decimation filter decimates the output bit stream of
the modulator to produce 16-bit ADC output data. The
decimation filter present in the device is a cascade of
two filters: a third-order sinc filter with a decimation
ratio of OSR3 (third-order moving an average of
3xOSR3 values), followed by a first-order sinc filter
with a decimation ratio of OSR1 (moving an average of
OSR values (third-order moving an average of
3xOSR3 values).
Figure 5-6 represents the decimation filter architecture.
FIGURE 5-4:
Decimation Filter Block
Diagram.
The following equation is the transfer function of the
decimation filter:
EQUATION 5-3:
FILTER TRANSFER
FUNCTION
The resolution (number of possible output codes
expressed in powers of two or in bits) of the digital filter
is 16-bit maximum for any OSR (OSR3 x OSR1) and
data format choice. The resolution depends only on the
OSR through the OSR[3:0] settings in the CONFIG1
per Table 5-6. Once the OSR is chosen, the resolution
is fixed and the output code of the ADC is encoded with
the data format defined by the DATA_FORMAT[1:0]
setting in the CONFIG3 register.
The transfer function of this filter has a unity gain at each
multiple of DMCLK. A proper anti-aliasing filter must be
placed at the ADC inputs. This will attenuate the
frequency contents around each multiple of DMCLK and
keep the desired accuracy over the baseband of the
converter. This anti-aliasing filter can be a simple
first-order RC network with low time constant to provide
a high rejection at DMCLK frequency.
The conversion time is a function of the OSR settings
with the DMCLK frequency:
EQUATION 5-4:
CONVERSION TIME FOR
OSR = OSR3 xOSR1
In One-Shot mode, each conversion is launched
individually, so the maximum data rate is effectively
1/TCONV if each conversion is launched with no delay.
The digital filter is reset in between each conversion.
However, due to the nature of the digital filter (which
memorizes the sum of the incoming bit stream), the
data rate at the filter output can be maximized if the
filter is never reset. Because of the internal resampling
of the digital filter, the output data rate can be equal to
DMCLK/OSR = DRCLK; this is the case in Continuous
mode. In this case, the first conversion still happens in
the TCONV time, as this is the settling time of the filter.
The subsequent conversions are pipelined and give
their output at a data rate of DRCLK. The Continuous
Conversion mode can optimize the data rate while
consuming the same power as One-Shot mode, which
is advantageous in applications that require a continu-
ous sampling of the analog inputs. The Continuous
mode is not compatible with multiplexing the inputs
(see Section 5.14 “SCAN Mode” for more details
about the Conversion mode settings in MUX and SCAN
modes).
Figure 5-5 shows the fundamental difference between
One-Shot mode and Continuous mode in a simplified
diagram.
Modulator
Output
(Thermometer
Coding)
SINC
3
SINC
1
Decimation
Filter
Output
OSR3
OSR1
4
ADC
Resolution
Decimation Filter
OSR1 = 1
Hz

1z
-OSR3
–


3
OSR3 1z
1
–
–

3
---------------------------------------------
1z
-OSR1 OSR3
–


OSR1 1z
OSR3
–
–


-----------------------------------------------------
=
z
2
fj
DMCLK
----------------------


exp
=
Where:
TCONV
3OSR3
OSR1 1
–
 OSR
3
+

DMCLK
------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com