Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3464 Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP3464
Description  Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3464 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP3464 Datasheet HTML 10Page - Microchip Technology MCP3464 Datasheet HTML 11Page - Microchip Technology MCP3464 Datasheet HTML 12Page - Microchip Technology MCP3464 Datasheet HTML 13Page - Microchip Technology MCP3464 Datasheet HTML 14Page - Microchip Technology MCP3464 Datasheet HTML 15Page - Microchip Technology MCP3464 Datasheet HTML 16Page - Microchip Technology MCP3464 Datasheet HTML 17Page - Microchip Technology MCP3464 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 108 page
background image
MCP3461/2/4
DS20006180D-page 14
 2019-2021 Microchip Technology Inc.
Note: Unless otherwise indicated, AVDD =3.3V, DVDD =3.3V, TA = +25°C, MCLK = 4.9152 MHz, VIN = -0.5 dBFS at
50 Hz, VREF =AVDD, ADC_MODE = 11. All other registers are set to default value. Histogram ticks are centered at their
bin center.
FIGURE 2-7:
SINAD vs. OSR.
FIGURE 2-8:
SNR vs. OSR.
FIGURE 2-9:
THD vs. OSR.
FIGURE 2-10:
SFDR vs. OSR.
FIGURE 2-11:
SINAD Distribution
Histogram.
FIGURE 2-12:
SNR Distribution Histogram.
0
20
40
60
80
100
120
Oversampling Ratio (OSR)
GAIN=0.33
GAIN=1
GAIN=2
GAIN=4
GAIN=8
GAIN=16
0
20
40
60
80
100
120
Oversampling Ratio (OSR)
GAIN=0.33
GAIN=1
GAIN=2
GAIN=4
GAIN=8
GAIN=16
-140
-120
-100
-80
-60
-40
-20
0
Oversampling Ratio (OSR)
GAIN=0.33
GAIN=1
GAIN=2
GAIN=4
GAIN=8
GAIN=16
0
20
40
60
80
100
120
140
Oversampling Ratio (OSR)
GAIN=0.33
GAIN=1
GAIN=2
GAIN=4
GAIN=8
GAIN=16
0
5
10
15
20
25
30
35
40
45
Signal-to-Noise-and-Distortion Ratio (dB)
33 devices x 3 lots
Bin Size: 0.05 dB
0
5
10
15
20
25
30
35
40
45
50
Signal-to-Noise Ratio (dB)
33 devices x 3 lots
Bin Size: 0.05 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com