Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3464 Datasheet(PDF) 42 Page - Microchip Technology

Part # MCP3464
Description  Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3464 Datasheet(HTML) 42 Page - Microchip Technology

Back Button MCP3464 Datasheet HTML 38Page - Microchip Technology MCP3464 Datasheet HTML 39Page - Microchip Technology MCP3464 Datasheet HTML 40Page - Microchip Technology MCP3464 Datasheet HTML 41Page - Microchip Technology MCP3464 Datasheet HTML 42Page - Microchip Technology MCP3464 Datasheet HTML 43Page - Microchip Technology MCP3464 Datasheet HTML 44Page - Microchip Technology MCP3464 Datasheet HTML 45Page - Microchip Technology MCP3464 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 108 page
background image
MCP3461/2/4
DS20006180D-page 42
 2019-2021 Microchip Technology Inc.
5.6
ADC Output Data Format
The ADC Output Data register (ADCDATA) is located at
the address: 0x0. The default length of the register is
16-bit (15-bit + SIGN).
Output data are calculated in the digital decimation
filter with a larger resolution and are rounded to the
closest LSb value.
The rounding ensures a maximum 1/2 LSb error
instead of a simple truncation that ensures a 1 LSb
maximum error.
Equation 5-5 calculates ADC output code as a function
of the input and reference signals for DC inputs.
EQUATION 5-5:
ADC OUTPUT CODE FOR DC INPUT (DATA_FORMAT[1:0] = 00)
For AC sine wave inputs, the decimation filter transfer
function (see Equation 5-3) induces an additional gain
on the ADC output code, which depends on the input
frequency (roll-off of the decimation filter). For any
inputs, the VIN+/VIN- voltages are averaged out during
the whole conversion time, since the ADC is an
oversampling converter.
The ADC output format is set by the DATA_FORMAT[1:0]
bits in the CONFIG3 register. These bits define four
different possible formats for the ADC Data Output
register: three 32-bit formats and one 16-bit format for
MCP3461/2/4.
All possible data formats are described in Figure 5-8.
FIGURE 5-8:
ADC Output Format Selection.
When DATA_FORMAT[1:0] = 0x, the ADC resolution is
16-bit. The ADC output code is represented with MSb
first, signed two’s complement coding. With these two
data formats, the coding does not allow overrange; the
equivalent analog input range is [-VREF; +VREF – 1 LSb].
When VIN * Gain > VREF – 1 LSb, the 16-bit ADC code
(SGN + DATA[14:0]) will saturate and be locked at
0x7FFF. When VIN * Gain < -VREF, the 16-bit ADC code
will saturate and be locked at 0x8000. Using these data
formats does not permit correctly evaluating full-scale
errors in case of a positive full-scale error.
When DATA_FORMAT[1:0 = 00, the output register
shows only the 16-bit value.
When DATA_FORMAT[1:0] = 01, the output register is
32 bits long and the output code is padded with
additional zeros on the last two bytes. The output code
is left justified in this case. This format is useful for
32-bit MCU applications.
ADC_OUTPUT(LSb)
VIN+ VIN-
–
VREF+ VREF-
–
-----------------------------------------



32768 GAIN
=
CH_ID[3:0]
DATA[15:0]
SGN ext (12-bit)
DATA[15:0]
SGN ext (16-bit)
SGN + DATA[14:0]
SGN + DATA[14:0]
0x0000
DATA_FORMAT[1:0]
00
01
11
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com