Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3464 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP3464
Description  Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3464 Datasheet(HTML) 1 Page - Microchip Technology

  MCP3464 Datasheet HTML 1Page - Microchip Technology MCP3464 Datasheet HTML 2Page - Microchip Technology MCP3464 Datasheet HTML 3Page - Microchip Technology MCP3464 Datasheet HTML 4Page - Microchip Technology MCP3464 Datasheet HTML 5Page - Microchip Technology MCP3464 Datasheet HTML 6Page - Microchip Technology MCP3464 Datasheet HTML 7Page - Microchip Technology MCP3464 Datasheet HTML 8Page - Microchip Technology MCP3464 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 108 page
background image
 2019-2021 Microchip Technology Inc.
DS20006180D-page 1
MCP3461/2/4
Features
• One/Two/Four Differential or Two/Four/Eight
Single-Ended Input Channels
• 16-Bit Resolution
• Programmable Data Rate: Up to 153.6 ksps
• Programmable Gain: 0.33x to 64x
• 97.2 dB SINAD, -116 dBc THD, 120 dBc SFDR
(Gain = 1x, 4800 SPS)
• Low-Temperature Drift:
- Offset error drift: 4/Gain nV/°C (AZ_MUX = 1)
- Gain error drift: 0.5 ppm/°C (Gain = 1x)
• Low Noise: 3.2 µVRMS (Gain = 16x, 9600 SPS)
• RMS Effective Resolution: 15.5 Bits Minimum (All
gains, all OSR combinations)
• Wide Input Voltage Range: 0V to AVDD
• Differential Voltage Reference Inputs
• Internal Oscillator or External Clock Selection
• Ultra-Low Full Shutdown Current Consumption
(< 5 µA)
• Internal Temperature Sensor
• Burnout Current Sources for Sensor Open/Short
Detection
• 16-Bit Digital Offset and Gain Error Calibration
Registers
• Internal Conversions Sequencer (SCAN Mode)
for Automatic Multiplexing
• Dedicated IRQ Pin for Easy Synchronization
• Advanced Security Features:
- 16-bit CRC for secure SPI communications
- 16-bit CRC and IRQ for securing
configuration
- Register map lock with 8-bit secure key
- Monitor controls for system diagnostics
• 20 MHz SPI-Compatible Interface with Mode 0,0
and 1,1
•AVDD: 2.7V-3.6V
•DVDD: 1.8V-3.6V
• Extended Temperature Range: -40°C to +125°C
• Package: 3 mm x 3 mm 20-Lead UQFN and
6.5 mm x 4.4 mm x 1 mm 20-Lead TSSOP
General Description
The MCP3461/2/4 devices are 1/2/4-channel, 16-bit
Delta-Sigma Analog-to-Digital Converters (ADCs) with
programmable data rate of up to 153.6 ksps. They offer
integrated features, such as internal oscillator,
temperature sensor and burnout sensor detection, in
order to reduce system component count and total
solution cost.
The MCP3461/2/4 ADCs are fully configurable with
Oversampling Ratio (OSR) from 32 to 98304 and gain
from 1/3x to 64x. These devices include an internal
sequencer (SCAN mode) with multiple monitor
channels and a 24-bit timer to be able to automatically
create conversion loop sequences without needing
MCU communications. Advanced security features,
such as CRC and register map lock, can ensure config-
uration locking and integrity, as well as communication
data integrity for secure environments.
These devices come with a 20 MHz SPI-compatible
serial interface. Communication is largely simplified
with 8-bit commands, including various continuous
Read/Write modes and 16/32-bit multiple data formats
that can be accessed by the Direct Memory Access
(DMA) of an 8-bit, 16-bit or 32-bit MCU.
The MCP3461/2/4 devices are available in a leaded
20-lead TSSOP package, as well as in an ultra-small
3 mm x 3 mm 20-lead UQFN package and are
specified over an extended temperature range, from
-40°C to +125°C.
Applications
• Precision Sensor Transducers and Transmitters:
Pressure, Strain, Flow and Force Measurement
• Factory Automation and Process Controls
• Portable Instrumentation
• Temperature Measurements
Two/Four/Eight-Channel, 153.6 ksps, Low Noise,
16-Bit Delta-Sigma ADC


Similar Part No. - MCP3464

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3464 MICROCHIP-MCP3464 Datasheet
2Mb / 108P
Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
02/28/20
MCP3464R MICROCHIP-MCP3464R Datasheet
2Mb / 118P
Two/Four/Eight-Channel, 153.6 ksps, Low-Noise, 16-Bit Delta-Sigma ADCs with Internal Voltage Reference
02/28/20
MCP3464R-E/ST MICROCHIP-MCP3464R-E/ST Datasheet
2Mb / 118P
Two/Four/Eight-Channel, 153.6 ksps, Low-Noise, 16-Bit Delta-Sigma ADCs with Internal Voltage Reference
02/28/20
MCP3464RT-E/NC MICROCHIP-MCP3464RT-E/NC Datasheet
2Mb / 118P
Two/Four/Eight-Channel, 153.6 ksps, Low-Noise, 16-Bit Delta-Sigma ADCs with Internal Voltage Reference
02/28/20
MCP3464T-E/NC MICROCHIP-MCP3464T-E/NC Datasheet
2Mb / 108P
Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
02/28/20
More results

Similar Description - MCP3464

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7722 AD-AD7722 Datasheet
526Kb / 24P
16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
REV.0
logo
Intersil Corporation
ISL26102 INTERSIL-ISL26102 Datasheet
911Kb / 21P
Low-Noise 24-bit Delta Sigma ADC
October 12, 2012
ISL26102AVZ INTERSIL-ISL26102AVZ Datasheet
909Kb / 21P
Low-Noise 24-bit Delta Sigma ADC
October 12, 2012
logo
Renesas Technology Corp
ISL26132 RENESAS-ISL26132 Datasheet
1Mb / 23P
Low-Noise 24-bit Delta Sigma ADC
logo
Microchip Technology
MCP3565R MICROCHIP-MCP3565R Datasheet
3Mb / 108P
Two-Channel, 153.6 ksps, Low Noise 24-Bit Delta-Sigma ADC with Internal Voltage Reference
02/28/20
MCP3561 MICROCHIP-MCP3561_V01 Datasheet
1Mb / 108P
Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
02/28/20
MCP3561 MICROCHIP-MCP3561 Datasheet
1Mb / 108P
Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
02/28/20
MCP3461R MICROCHIP-MCP3461R Datasheet
2Mb / 118P
Two/Four/Eight-Channel, 153.6 ksps, Low-Noise, 16-Bit Delta-Sigma ADCs with Internal Voltage Reference
02/28/20
MCP3461 MICROCHIP-MCP3461 Datasheet
2Mb / 108P
Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
02/28/20
MCP3465R MICROCHIP-MCP3465R Datasheet
3Mb / 110P
Two-Channel, 153.6 ksps, Low Noise 16-Bit Delta-Sigma ADC with Internal Voltage Reference
Revision C April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com