Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3464 Datasheet(PDF) 62 Page - Microchip Technology

Part # MCP3464
Description  Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3464 Datasheet(HTML) 62 Page - Microchip Technology

Back Button MCP3464 Datasheet HTML 58Page - Microchip Technology MCP3464 Datasheet HTML 59Page - Microchip Technology MCP3464 Datasheet HTML 60Page - Microchip Technology MCP3464 Datasheet HTML 61Page - Microchip Technology MCP3464 Datasheet HTML 62Page - Microchip Technology MCP3464 Datasheet HTML 63Page - Microchip Technology MCP3464 Datasheet HTML 64Page - Microchip Technology MCP3464 Datasheet HTML 65Page - Microchip Technology MCP3464 Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 108 page
background image
MCP3461/2/4
DS20006180D-page 62
 2019-2021 Microchip Technology Inc.
These three interrupt status bits are independent of the
two other interrupt mechanisms (IRQ pin and IRQ
register) and are cleared each time the STATUS byte is
fully clocked. This enables the polling on the STATUS
byte as a possible interrupt management solution
without requiring to connect the IRQ pin in the system.
All status bit values are latched together just after the
device address has been correctly recognized by the
chip. Any interrupt happening after the two first status
bits have been clocked out will appear on the STATUS
byte of the next communication sequence.
Figure 6-3
represents
the
beginning
of
each
communication with both COMMAND and STATUS
bytes depicted. After the STATUS byte is propagated,
the SDO pin will be placed in high-impedance for Fast
commands or Write commands and will transfer data
bytes for Read commands as long as the CS pin stays
logic low.
FIGURE 6-3:
SPI Communication Start (COMMAND on SDI and STATUS on SDO) in Cases of a
Device Address Match and Not Matched.
Don’t Care
SCK
SDI
SDO
CS
High-Z
Device Latches SDI on Rising Edge
SPI Mode 0,0
SPI Mode 1,1
Device Latches SDO on Falling Edge
0
Device
Address
Register
Address
Command
Type
Device
Address ACK
Interrupts
Status
High-Z
0
Device Address
Matches CMD[7:6]
High-Z
SDO
Device Address
does not Match
CMD[7:6]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com