Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3464 Datasheet(PDF) 81 Page - Microchip Technology

Part # MCP3464
Description  Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3464 Datasheet(HTML) 81 Page - Microchip Technology

Back Button MCP3464 Datasheet HTML 77Page - Microchip Technology MCP3464 Datasheet HTML 78Page - Microchip Technology MCP3464 Datasheet HTML 79Page - Microchip Technology MCP3464 Datasheet HTML 80Page - Microchip Technology MCP3464 Datasheet HTML 81Page - Microchip Technology MCP3464 Datasheet HTML 82Page - Microchip Technology MCP3464 Datasheet HTML 83Page - Microchip Technology MCP3464 Datasheet HTML 84Page - Microchip Technology MCP3464 Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 108 page
background image
 2019-2021 Microchip Technology Inc.
DS20006180D-page 81
MCP3461/2/4
8.0
INTERNAL REGISTERS
The device has a total of 16 internal registers, which are
made of volatile memory. Table 8-1 shows the summary
of the registers. These registers are accessible
sequentially.
TABLE 8-1:
INTERNAL REGISTERS SUMMARY
Address Register Name
No. of Bits
R/W
Description
0x0
ADCDATA
4/16/32
R
Latest A/D conversion data output value (16 or 32 bits
depending on DATA_FORMAT[1:0]) or modulator output
stream (4-bit wide) in MDAT Output mode.
0x1
CONFIG0
8
R/W
ADC Operating mode, Master Clock mode and Input Bias
Current Source mode.
0x2
CONFIG1
8
R/W
Prescale and OSR settings.
0x3
CONFIG2
8
R/W
ADC boost and gain settings, auto-zeroing settings for
analog multiplexer, voltage reference and ADC.
0x4
CONFIG3
8
R/W
Conversion mode, data and CRC format settings, enable for
CRC on communications, enable for digital offset and gain
error calibrations.
0x5
IRQ
8
R/W
IRQ Status bits and IRQ mode settings, enable for Fast
commands and for conversion start pulse.
0x6
MUX
8
R/W
Analog multiplexer input selection (MUX mode only).
0x7
SCAN
24
R/W
SCAN mode settings.
0x8
TIMER
24
R/W
Delay value for TIMER between each SCAN cycle.
0x9
OFFSETCAL
24
R/W
ADC digital offset calibration value.
0xA
GAINCAL
24
R/W
ADC digital gain calibration value.
0xB
RESERVED
24
R/W
0xC
RESERVED
8
R/W
0xD
LOCK
8
R/W
Password value for SPI Write mode locking.
0xE
RESERVED
16
R/W
0xF
CRCCFG
16
R
CRC checksum for the device configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com