Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP660 Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP660
Description  60 MHz, 32 V/關s Rail-to-Rail Output (RRO) Op Amps
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP660 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP660 Datasheet HTML 15Page - Microchip Technology MCP660 Datasheet HTML 16Page - Microchip Technology MCP660 Datasheet HTML 17Page - Microchip Technology MCP660 Datasheet HTML 18Page - Microchip Technology MCP660 Datasheet HTML 19Page - Microchip Technology MCP660 Datasheet HTML 20Page - Microchip Technology MCP660 Datasheet HTML 21Page - Microchip Technology MCP660 Datasheet HTML 22Page - Microchip Technology MCP660 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 68 page
background image
3.0
PIN DESCRIPTIONS
Descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
MCP660
MCP661
MCP662
MCP663
MCP664
MCP665
MCP669
Symbol
Description
56
2
2
42
2
2
4
2
2
2
1
VIN-, VINA-
Inverting Input (op amp A)
45
3
3
33
3
3
3
3
3
3
2
VIN+, VINA+
Non-inverting Input (op amp A)
34
7
7
5
8
8
7
6
4
10
10
3
VDD
Positive Power Supply
10
10
—
—
—5
5
—
—
5
7
7
4
VINB+
Non-inverting Input (op amp B)
99
—
—
—6
6
—
—
6
8
8
5
VINB-
Inverting Input (op amp B)
88
—
—
—7
7
—
—
7
9
9
6
VOUTB
Output (op amp B)
——
—
—
——
—
—
—
—
—
—
7
CSBC
Chip Select Digital Input (op amps B and C)
14
14
—
—
——
—
—
—
8
—
—
8
VOUTC
Output (op amp C)
13
13
—
—
——
—
—
—
9
—
—
9
VINC-
Inverting Input (op amp C)
12
12
—
—
——
—
—
—
10
—
—
10
VINC+
Non-inverting Input (op amp C)
11
11
4
4
24
4
4
2
11
4
4
11
VSS
Negative Power Supply
——
—
—
——
—
—
—
12
—
—
12
VIND+
Inverting Input (op amp D)
——
—
—
——
—
—
—
13
—
—
13
VIND-
Inverting Input (op amp D)
——
—
—
——
—
—
—
14
—
—
14
VOUTD
Output (op amp D)
——
—
—
——
—
—
—
—
—
—
15
CSAD
Chip Select Digital Input (op amps A and D)
67
6
6
11
1
6
1
1
1
1
16
VOUT, VOUTA
Output (op amp A)
17
—
—
9
—
—
9
—
—
—
—
11
17
EP
Exposed Thermal Pad (EP); must be
connected to VSS
—
—
—
8
—
——8
5
—
5
5
—
CS, CSA
Chip Select Digital Input (op amp A)
——
—
—
——
—
—
—
—
6
6
—
CSB
Chip Select Digital Input (op amp B)
1, 2, 7,
15, 16
1, 2, 3 1, 5, 8
1, 5
—
—
—
1, 5
—
—
—
—
—
NC
No Internal Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com