Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP660 Datasheet(PDF) 26 Page - Microchip Technology

Part # MCP660
Description  60 MHz, 32 V/關s Rail-to-Rail Output (RRO) Op Amps
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP660 Datasheet(HTML) 26 Page - Microchip Technology

Back Button MCP660 Datasheet HTML 22Page - Microchip Technology MCP660 Datasheet HTML 23Page - Microchip Technology MCP660 Datasheet HTML 24Page - Microchip Technology MCP660 Datasheet HTML 25Page - Microchip Technology MCP660 Datasheet HTML 26Page - Microchip Technology MCP660 Datasheet HTML 27Page - Microchip Technology MCP660 Datasheet HTML 28Page - Microchip Technology MCP660 Datasheet HTML 29Page - Microchip Technology MCP660 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 68 page
background image
MCP660/1/2/3/4/5/9
DS20002194E-page 26
 2009-2014 Microchip Technology Inc.
4.8
Typical Applications
4.8.1
50
 LINE DRIVER
Figure 4-10 shows the MCP661 driving a 50
 line. The
large output current (e.g., see Figure 2-18) makes it
possible to drive a back-matched line (RM2, the 50
line and the 50
 load at the far end) to more than ±2V
(the load at the far end sees ±1V). It is worth
mentioning that the 50
 line and the 50 load at the far
end together can be modeled as a simple 50
 resistor
to ground.
FIGURE 4-10:
50
Line Driver.
The output headroom limits would be VOL = -2.3V and
VOH = +2.3V (see Figure 2-16), leaving some design
room for the ±2V signal. The open-loop gain (AOL)
typically does not decrease significantly with a 100
load (see Figure 2-11). The maximum power dissipated
is
about
48 mW
(see
Section 4.2.3
“Power
Dissipation”), so the temperature rise (for the
MCP661 in the SOIC-8 package) is under 8°C.
4.8.2
OPTICAL DETECTOR AMPLIFIER
Figure 4-11 shows a transimpedance amplifier, using
the MCP661 op amp, in a photo detector circuit. The
photo detector is a capacitive current source. RF
provides enough gain to produce 10 mV at VOUT. CF
stabilizes the gain and limits the transimpedance
bandwidth to about 1.1 MHz. The parasitic capacitance
of RF (e.g., 0.2 pF for a 0805 SMD) acts in parallel with
CF.
FIGURE 4-11:
Transimpedance Amplifier
for an Optical Detector.
4.8.3
H-BRIDGE DRIVER
Figure 4-12 shows the MCP662 dual op amp used as
an H-bridge driver. The load could be a speaker or a
DC motor.
FIGURE 4-12:
H-Bridge Driver.
This circuit automatically makes the noise gains (GN)
equal, when the gains are set properly, so that the
frequency responses match well (in magnitude and in
phase). Equation 4-7 shows how to calculate RGT and
RGB so that both op amps have the same DC gains;
GDM needs to be selected first.
EQUATION 4-7:
Equation 4-8 gives the resulting common-mode and
differential mode output voltages.
EQUATION 4-8:
RF
301
RG
301
RM1
49.9
50
RM2
49.9
50
Line
+2.5V
-2.5V
MCP66X
+
-
Photo
Detector
CD
CF
RF
VDD/2
30 pF
100 k
1.5 pF
ID
100 nA
VOUT
MCP661
-
+
RF
RF
VIN
VOT
RF
RGB
VOB
VDD/2
RGT
RL
½ MCP662
½ MCP662
+
-
-
+
G
DM
V
OT
V
OB
–
V
IN
V
DD
2
-----------
–
--------------------------
1 V/V
R
GT
R
F
G
DM
2
------------1
–
---------------------
=
R
GB
R
F
G
DM
2
------------
------------
=
V
OT
V
+
OB
2
---------------------------
V
DD
2
-----------
=
V
OT
V
–
OB
G
DM VIN
V
DD
2
-----------
–


=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com