Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP660 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP660
Description  60 MHz, 32 V/關s Rail-to-Rail Output (RRO) Op Amps
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP660 Datasheet(HTML) 3 Page - Microchip Technology

  MCP660 Datasheet HTML 1Page - Microchip Technology MCP660 Datasheet HTML 2Page - Microchip Technology MCP660 Datasheet HTML 3Page - Microchip Technology MCP660 Datasheet HTML 4Page - Microchip Technology MCP660 Datasheet HTML 5Page - Microchip Technology MCP660 Datasheet HTML 6Page - Microchip Technology MCP660 Datasheet HTML 7Page - Microchip Technology MCP660 Datasheet HTML 8Page - Microchip Technology MCP660 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
 2009-2014 Microchip Technology Inc.
DS20002194E-page 3
MCP660/1/2/3/4/5/9
1.0
ELECTRICAL
CHARACTERISTICS
1.1
Absolute Maximum Ratings †
VDD –VSS .......................................................................6.5V
Current at Input Pins ....................................................±2 mA
Analog Inputs (VIN+ and VIN–) †† . VSS – 1.0V to VDD +1.0V
All Other Inputs and Outputs ......... VSS – 0.3V to VDD +0.3V
Output Short Circuit Current ................................ Continuous
Current at Output and Supply Pins ..........................±150 mA
Storage Temperature ...................................-65°C to +150°C
Maximum Junction Temperature ................................ +150°C
ESD protection on all pins (HBM, MM)
 1 kV, 200V
† Notice: Stresses above those listed under “Absolute
Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only and functional
operation of the device at those or any other conditions
above those indicated in the operational listings of this
specification is not implied. Exposure to maximum rat-
ing conditions for extended periods may affect device
reliability.
†† See Section 4.1.2 “Input Voltage and Current
Limits”.
1.2
Specifications
DC ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, TA = +25°C, VDD = +2.5V to +5.5V, VSS = GND,
VCM =VDD/3, VOUT  VDD/2, VL =VDD/2, RL =1 k to VL and CS =VSS (refer to Figure 1-2).
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Input Offset
Input Offset Voltage
VOS
-8
±1.8
+8
mV
Input Offset Voltage Drift
VOS/TA
—±2.0
—
µV/°C TA = -40°C to +125°C
Power Supply Rejection Ratio
PSRR
61
76
—
dB
Input Current and Impedance
Input Bias Current
IB
—6
—
pA
Across Temperature
IB
—130
—
TA =+85°C
Across Temperature
IB
—
1700
5000
TA =+125°C
Input Offset Current
IOS
—±10
—
pA
Common-Mode Input
Impedance
ZCM
—1013||9
—
||pF
Differential Input Impedance
ZDIFF
—1013||2
—
||pF
Common Mode
Common-Mode Input Voltage
Range
VCMR
VSS 
0.3
—VDD
1.3
V
Note 1
Common-Mode Rejection Ratio
CMRR
64
79
—
dB
VDD = 2.5V, VCM = -0.3V to 1.2V
66
81
—
dB
VDD = 5.5V, VCM = -0.3V to 4.2V
Open-Loop Gain
DC Open-Loop Gain
(large signal)
AOL
88
117
—
dB
VDD =2.5V, VOUT = 0.3V to 2.2V
94
126
—
dB
VDD =5.5V, VOUT = 0.3V to 5.2V
Output
Maximum Output Voltage Swing VOL, VOH VSS +25
—
VDD  25
mV
VDD = 2.5V, G = +2,
0.5V Input Overdrive
VSS +50
—
VDD  50
VDD = 5.5V, G = +2,
0.5V Input Overdrive
Output Short-Circuit Current
ISC
±45
±90
±145
mA
VDD =2.5V (Note 2)
±40
±80
±150
VDD =5.5V (Note 2)
Note 1:
See Figure 2-5 for temperature effects.
2:
The ISC specifications are for design guidance only; they are not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com