Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP660 Datasheet(PDF) 24 Page - Microchip Technology

Part # MCP660
Description  60 MHz, 32 V/關s Rail-to-Rail Output (RRO) Op Amps
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP660 Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCP660 Datasheet HTML 20Page - Microchip Technology MCP660 Datasheet HTML 21Page - Microchip Technology MCP660 Datasheet HTML 22Page - Microchip Technology MCP660 Datasheet HTML 23Page - Microchip Technology MCP660 Datasheet HTML 24Page - Microchip Technology MCP660 Datasheet HTML 25Page - Microchip Technology MCP660 Datasheet HTML 26Page - Microchip Technology MCP660 Datasheet HTML 27Page - Microchip Technology MCP660 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 68 page
background image
MCP660/1/2/3/4/5/9
DS20002194E-page 24
 2009-2014 Microchip Technology Inc.
4.4.2
GAIN PEAKING
Figure 4-8 shows an op amp circuit that represents
non-inverting amplifiers (VM is a DC voltage and VP is
the input) or inverting amplifiers (VP is a DC voltage
and VM is the input). The capacitances CN and CG
represent the total capacitance at the input pins; they
include the op amp’s common-mode input capacitance
(CCM), board parasitic capacitance and any capacitor
placed in parallel.
FIGURE 4-8:
Amplifier with Parasitic
Capacitance.
CG acts in parallel with RG (except for a gain of +1 V/V),
which causes an increase in gain at high frequencies.
CG also reduces the phase margin of the feedback
loop, which becomes less stable. This effect can be
reduced by either reducing CG or RF.
CN and RN form a low-pass filter that affects the signal
at VP. This filter has a single real pole at 1/(2RN/CN).
The largest value of RF that should be used depends
on the noise gain (see GN in Section 4.4.1
“Capacitive Loads”), CG and the open-loop gain’s
phase
shift.
Figure 4-9
shows
the
maximum
recommended RF for several CG values. Some
applications may modify these values to reduce either
output loading or gain peaking (step response
overshoot).
FIGURE 4-9:
Maximum Recommended
RF vs. Gain.
Figures 2-35 and 2-36 show the small signal and large
signal step responses at G = +1 V/V. The unity-gain
buffer usually has RF =0 and RG open.
Figures 2-37 and 2-38 show the small signal and large
signal step responses at G = -1 V/V. Since the noise
gain is 2 V/V and CG  10 pF, the resistors were
chosen to be RF =RG =401 and RN = 200.
It is also possible to add a capacitor (CF) in parallel with
RF to compensate for the destabilizing effect of CG.
This makes it possible to use larger values of RF. The
conditions for stability are summarized in Equation 4-6.
EQUATION 4-6:
VP
RF
VOUT
RN
CN
VM
RG
CG
MCP66X
+
-
1.E+02
1.E+03
1.E+04
1.E+05
110
100
Noise Gain; GN (V/V)
GN > +1 V/V
100
10k
100k
1k
CG = 10 pF
CG = 32 pF
CG = 100 pF
CG = 320 pF
CG = 1 nF
We need:
Given:
G
N1
1
R
F
R
G
-------
+
=
G
N2
1
C
G
C
F
-------
+
=
f
F
1
2
R
FCF
---------------------
=
f
Z
f
F
G
N1
G
N2
----------


=
f
F
f
GBWP
2G
N2
---------------,
G
N1
G
N2
f
F
f
GBWP
4G
N1
---------------,
G
N1
G
N2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com