Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP660 Datasheet(PDF) 65 Page - Microchip Technology

Part # MCP660
Description  60 MHz, 32 V/關s Rail-to-Rail Output (RRO) Op Amps
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP660 Datasheet(HTML) 65 Page - Microchip Technology

Back Button MCP660 Datasheet HTML 60Page - Microchip Technology MCP660 Datasheet HTML 61Page - Microchip Technology MCP660 Datasheet HTML 62Page - Microchip Technology MCP660 Datasheet HTML 63Page - Microchip Technology MCP660 Datasheet HTML 64Page - Microchip Technology MCP660 Datasheet HTML 65Page - Microchip Technology MCP660 Datasheet HTML 66Page - Microchip Technology MCP660 Datasheet HTML 67Page - Microchip Technology MCP660 Datasheet HTML 68Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 65 / 68 page
background image
 2009-2014 Microchip Technology Inc.
DS20002194E-page 65
MCP660/1/2/3/4/5/9
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
-X
/XX
Package
Temperature
Range
Device
Device:
MCP660
Triple Op Amp
MCP660T
Triple Op Amp (Tape and Reel)
(SOIC, TSSOP, QFN)
MCP661
Single Op Amp
MCP661T
Single Op Amp (Tape and Reel)
(SOIC, SOT-23 and TDFN)
MCP662
Dual Op Amp
MCP662T
Dual Op Amp (Tape and Reel)
(DFN, MSOP and SOIC)
MCP663
Single Op Amp with CS
MCP663T
Single Op Amp with CS (Tape and Reel)
(SOIC and SOT-23)
MCP664
Quad Op Amp
MCP664T
Quad Op Amp (Tape and Reel)
(SOIC, TSSOP)
MCP665
Dual Op Amp with CS
MCP665T
Dual Op Amp with CS (Tape and Reel)
(DFN and MSOP)
MCP669
Quad Op Amp with CS
MCP669T
Quad Op Amp with CS (Tape and Reel)
(QFN)
Temperature
Range:
E
= -40°C to +125°C
Package:
CHY = Plastic Small Outline (SOT-23), 6-lead
MF = Plastic Dual Flat, No Lead (3×3 DFN),
8-lead, 10-lead
ML = Plastic Quad Flat, No Lead Package (4x4 QFN),
(4x4x0.9 mm), 16-lead
MNY= Plastic Dual Flat, No Lead (2x3 TDFN),
8-lead
MS = Plastic Micro Small Outline (MSOP), 8-lead
OT = Plastic Small Outline (SOT-23), 5-lead
SL = Plastic Small Outline, Narrow, (3.90 mm SOIC),
14-lead
SN = Plastic Small Outline (3.90 mm), 8-lead
ST = Plastic Thin Shrink Small Outline, (4.4 mm TSSOP),
14-lead
UN = Plastic Micro Small Outline (MSOP), 10-lead
* Y = Nickel palladium gold manufacturing designator.
Only available on the TDFN package.
Examples:
a)
MCP660T-E/ML:
Tape and Reel
Extended temperature,
16LD QFN package
b)
MCP660T-E/SL:
Tape and Reel
Extended temperature,
14LD SOIC package
c)
MCP660T-E/ST:
Tape and Reel
Extended temperature,
14LD TSSOP package
d)
MCP661T-E/SN:
Tape and Reel
Extended temperature,
8LD SOIC package
e)
MCP661T-E/MNY: Tape and Reel,
Extended Temperature,
8LD TDFN package
f)
MCP662T-E/MF:
Tape and Reel
Extended temperature,
8LD DFN package
g)
MCP662T-E/MS:
Tape and Reel
Extended temperature,
8LD MSOP package
h)
MCP662T-E/SN:
Tape and Reel
Extended temperature,
8LD SOIC package
i)
MCP663T-E/SN:
Tape and Reel
Extended temperature,
8LD SOIC package
j)
MCP663T-E/CHY: Tape and Reel,
Extended Temperature,
6LD SOT-23 package
k)
MCP664T-E/SL:
Tape and Reel
Extended temperature,
14LD SOIC package
l)
MCP664T-E/ST:
Tape and Reel
Extended temperature,
14LD TSSOP package
m)
MCP665T-E/MF:
Tape and Reel
Extended temperature,
10LD DFN package
n)
MCP665T-E/UN:
Tape and Reel
Extended temperature,
10LD MSOP package
o)
MCP669T-E/ML:
Tape and Reel
Extended temperature,
16LD QFN package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com