Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP660 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP660
Description  60 MHz, 32 V/關s Rail-to-Rail Output (RRO) Op Amps
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP660 Datasheet(HTML) 5 Page - Microchip Technology

  MCP660 Datasheet HTML 1Page - Microchip Technology MCP660 Datasheet HTML 2Page - Microchip Technology MCP660 Datasheet HTML 3Page - Microchip Technology MCP660 Datasheet HTML 4Page - Microchip Technology MCP660 Datasheet HTML 5Page - Microchip Technology MCP660 Datasheet HTML 6Page - Microchip Technology MCP660 Datasheet HTML 7Page - Microchip Technology MCP660 Datasheet HTML 8Page - Microchip Technology MCP660 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 68 page
background image
 2009-2014 Microchip Technology Inc.
DS20002194E-page 5
MCP660/1/2/3/4/5/9
DIGITAL ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless indicated, TA =+25°C, VDD = +2.5V to +5.5V, VSS = GND, VCM =VDD/2,
VOUT  VDD/2, VL =VDD/2, RL =1 k to VL, CL = 20 pF and CS =VSS (refer to Figures 1-1 and 2-1).
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
CS Low Specifications
CS Logic Threshold, Low
VIL
VSS
—0.2VDD
V
CS Input Current, Low
ICSL
—
-0.1
—
nA
CS =0V
CS High Specifications
CS Logic Threshold, High
VIH
0.8VDD
—VDD
V
CS Input Current, High
ICSH
—-0.7
—
µA
CS =VDD
GND Current
ISS
-2
-1
—µA
CS Internal Pull-Down Resistor
RPD
—5
—
M
Amplifier Output Leakage
IO(LEAK)
—40
—
nA
CS =VDD, TA = +125°C
CS Dynamic Specifications
CS Input Hysteresis
VHYST
—
0.25
—
V
CS High to Amplifier Off Time
(output goes High Z)
tOFF
—
200
—
ns
G = +1 V/V, VL =VSS
CS =0.8VDD to VOUT =0.1(VDD/2)
CS Low to Amplifier On Time
tON
—2
10
µs
G = +1 V/V, VL =VSS
CS =0.2VDD to VOUT =0.9(VDD/2)
TEMPERATURE SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, all limits are specified for VDD = +2.5V to +5.5V, VSS = GND.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
—
+125
°C
Operating Temperature Range
TA
-40
—
+125
°C
Note 1
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 5L-SOT-23
θJA
—201.0
—
°C/W
Thermal Resistance, 6L-SOT-23
θJA
—
190.5
—
°C/W
Thermal Resistance, 8L-3x3 DFN
θJA
—
56.7
—
°C/W Note 2
Thermal Resistance, 8L-MSOP
θJA
—211
—
°C/W
Thermal Resistance, 8L-SOIC
θJA
—
149.5
—
°C/W
Thermal Resistance, 8L-2x3 TDFN
θJA
—
52.5
—
°C/W
Thermal Resistance, 10L-3x3 DFN
θJA
—
54.0
—
°C/W Note 2
Thermal Resistance, 10L-MSOP
θJA
—202
—
°C/W
Thermal Resistance, 14L-SOIC
θJA
—
90.8
—
°C/W
Thermal Resistance, 14L-TSSOP
θJA
—100
—
°C/W
Thermal Resistance, 16L-QFN
θJA
—
52.1
—
°C/W
Note 1:
Operation must not cause TJ to exceed the Maximum Junction Temperature specification (+150°C).
2:
Measured on a standard JC51-7, four-layer printed circuit board with ground plane and vias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com