Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48FVB08 Datasheet(PDF) 57 Page - Microchip Technology

Part # MCP48FVB08
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with SPI Interface
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FVB08 Datasheet(HTML) 57 Page - Microchip Technology

Back Button MCP48FVB08 Datasheet HTML 53Page - Microchip Technology MCP48FVB08 Datasheet HTML 54Page - Microchip Technology MCP48FVB08 Datasheet HTML 55Page - Microchip Technology MCP48FVB08 Datasheet HTML 56Page - Microchip Technology MCP48FVB08 Datasheet HTML 57Page - Microchip Technology MCP48FVB08 Datasheet HTML 58Page - Microchip Technology MCP48FVB08 Datasheet HTML 59Page - Microchip Technology MCP48FVB08 Datasheet HTML 60Page - Microchip Technology MCP48FVB08 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 112 page
background image
 2020 Microchip Technology Inc.
DS20006362A-page 57
MCP48FXBX4/8
4.2.6
WIPERLOCK TECHNOLOGY
The MCP48FXBX4/8 WiperLock technology allows
application-specific device settings (DAC register and
configuration) to be secured without requiring the use
of an additional write-protect pin. There are two Con-
figuration bits (DLn:CLn) for each DAC channel (DAC0
through DAC7).
Dependent on the state of the DLn:CLn Configuration
bits, WiperLock technology prevents the serial com-
mands from the following actions on the DACn
registers and bits:
• Writing to the specified volatile DACn register
memory location
• Writing to the specified nonvolatile DACn register
memory location
• Writing to the specified volatile DACn
Configuration bits
• Writing to the specified nonvolatile DACn
Configuration bits
Each pair of these Configuration bits controls one of
the four modes.
To modify the Configuration bits, the HVC pin must be
forced to the VIHH state and then an enable or disable
command must be received for the desired pair of
DAC register addresses.
4.2.6.1
POR/BOR Operation with
WiperLock Technology Enabled
The WiperLock Technology state is not affected by a
POR/BOR event. A POR/BOR event will load the volatile
DACn register values with the nonvolatile or default
factory values (in case of volatile memory only devices).
Example: To modify the CL0 bit, the enable or disable
command specifies address 00h; while to modify the
DL0 bit, the enable or disable command specifies
address 10h.
Note:
During device communication, if the
device address/command combination is
invalid or an unimplemented address is
specified, the MCP48FXBX4/8 will com-
mand error that command byte. To reset
the serial interface state machine, the CS
pin must be driven to the Inactive state
(VIH) before returning to the Active state
(VIL or VIHH).
TABLE 4-3:
WIPERLOCK™ TECHNOLOGY CONFIGURATION BITS – FUNCTIONAL DESCRIPTION
DLn:CLn(1)
Register/Bits
Comments
DACn Wiper
DACn Configuration(1)
Volatile
Nonvolatile
Volatile
Nonvolatile
11
Locked
Locked
Locked
Locked
All DACn registers are locked.
10
Locked
Locked
Unlocked
Locked
All DACn registers are locked, except for volatile
DACn Configuration registers. This allows
operation of Power-Down modes.
01
Unlocked
Locked
Unlocked
Locked
Volatile DACn registers are unlocked, nonvolatile
DACn registers are locked.
00
Unlocked
Unlocked
Unlocked
Unlocked
All DACn registers are unlocked.
Note 1:
The state of these Configuration bits (DLn:CLn) is reflected in the WLnB:WLnA bits, as shown in
Register 4-6. DAC Configuration bits include Voltage Reference Control bits (VRnB:VRnA), Power-Down
Control bits (PDnB:PDnA) and Output Gain bits (Gx).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com